Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9505L2-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9505L2-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9505L2-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9505L2-AX Datasheet HTML 1Page - California Eastern Labs PS9505L2-AX Datasheet HTML 2Page - California Eastern Labs PS9505L2-AX Datasheet HTML 3Page - California Eastern Labs PS9505L2-AX Datasheet HTML 4Page - California Eastern Labs PS9505L2-AX Datasheet HTML 5Page - California Eastern Labs PS9505L2-AX Datasheet HTML 6Page - California Eastern Labs PS9505L2-AX Datasheet HTML 7Page - California Eastern Labs PS9505L2-AX Datasheet HTML 8Page - California Eastern Labs PS9505L2-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
0
2
f
o
5
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
5
1
0
0
S
D
8
0
R
Jan 06, 2012
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS9505
PS9505-AX
Pb-Free
50 Magazine Cases
Standard
PS9505
1
L
5
0
5
9
S
P
s
t
c
u
d
o
r
p
)
u
A
/
d
P
/i
N
(
X
A
-
1
L
5
0
5
9
S
P
1
L
5
0
5
9
S
P
2
L
5
0
5
9
S
P
O
K
M
E
S
,
A
S
C
,
L
U
(
X
A
-
2
L
5
0
5
9
S
P
2
L
5
0
5
9
S
P
3
L
5
0
5
9
S
P
)
d
e
v
o
r
p
p
a
X
A
-
3
L
5
0
5
9
S
P
3
L
5
0
5
9
S
P
2
L
5
0
5
9
S
P
e
p
a
T
d
e
s
s
o
b
m
E
X
A
-
3
E
-
2
L
5
0
5
9
S
P
3
E
-
2
L
5
0
5
9
S
P
3
L
5
0
5
9
S
P
l
e
e
r
/
s
c
p
0
0
0
1
X
A
-
3
E
-
3
L
5
0
5
9
S
P
3
E
-
3
L
5
0
5
9
S
P
PS9505-V
PS9505-V-AX
50 Magazine Cases
DIN EN60747-5-2
PS9505
1
L
5
0
5
9
S
P
)
2
t
r
a
P
4
8
8
0
E
D
V
(
X
A
-
V
-
1
L
5
0
5
9
S
P
V
-
1
L
5
0
5
9
S
P
2
L
5
0
5
9
S
P
d
e
v
o
r
p
p
a
X
A
-
V
-
2
L
5
0
5
9
S
P
V
-
2
L
5
0
5
9
S
P
3
L
5
0
5
9
S
P
)
n
o
it
p
O
(
X
A
-
V
-
3
L
5
0
5
9
S
P
V
-
3
L
5
0
5
9
S
P
2
L
5
0
5
9
S
P
e
p
a
T
d
e
s
s
o
b
m
E
X
A
-
3
E
-
V
-
2
L
5
0
5
9
S
P
3
E
-
V
-
2
L
5
0
5
9
S
P
3
L
5
0
5
9
S
P
l
e
e
r
/
s
c
p
0
0
0
1
X
A
-
3
E
-
V
-
3
L
5
0
5
9
S
P
3
E
-
V
-
3
L
5
0
5
9
S
P
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Peak Transient Forward
Current (Pulse Width < 1 μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Detector
High Level Peak Output
Current
*1
IOH (PEAK)
2.5
A
Low Level Peak Output
Current
*1
IOL (PEAK)
2.5
A
Supply Voltage
(VCC - VEE)
0 to 35
V
Output Voltage
VO
0 to VCC
V
Power Dissipation
*2
PC
250
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Total Power Dissipation
*4
PT
300
mW
Operating Frequency
*5
f
50
kHz
Operating Ambient Temperature
TA
−40 to +110
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Maximum pulse width = 10 μs, Maximum duty cycle = 0.2%
*2 Reduced to 4.8 mW/°C at TA = 70°C or more.
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
*4 Reduced to 5.4 mW/°C at TA = 70°C or more.
*5 IOH (PEAK) ≤ 2.0 A (≤ 0.3 μs), IOL (PEAK) ≤ 2.0 A (≤ 0.3 μs)
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9505L2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9505L2-E3 RENESAS-PS9505L2-E3 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L2-E3 RENESAS-PS9505L2-E3 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L2-V RENESAS-PS9505L2-V Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L2-V RENESAS-PS9505L2-V Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L2-V-E3 RENESAS-PS9505L2-V-E3 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9505L2-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com