Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR308 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR308
Description  3 Amp Schottky Barrier Rectifier 50 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR308 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR308 Datasheet HTML 1Page - Micro Commercial Components SR308 Datasheet HTML 2Page - Micro Commercial Components SR308 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR305
THRU
SR3010
3 Amp Schottky
Barrier Rectifier
50 to 100 Volts
DO-201AD
Features
Low Forward Voltage Drop andLow Switching Noise
High Current Capability and High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR305
---
50V
35V
50V
SR306
---
60V
42V
60V
SR308
---
80V
56V
80V
SR3010
---
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 85
°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SR305-306
SR308-3010
VF
.72V
.85V
IFM = 3.0A;
TJ = 25
°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
30mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
2.Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Halogen free available upon request by adding suffix "-HF"
Moisture Sensitivity Level 1


Similar Part No. - SR308

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR308 MOSPEC-SR308 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Micro Commercial Compon...
SR308 MCC-SR308 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Jinan Gude Electronic D...
SR308 JGD-SR308 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR308 MCC-SR308 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
DAESAN ELECTRONIC CORP.
SR308 DAESAN-SR308 Datasheet
306Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
More results

Similar Description - SR308

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR305 MCC-SR305_11 Datasheet
387Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_13 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Shenzhen Ping Sheng Ele...
SR305 PFS-SR305 Datasheet
158Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR350 PFS-SR350 Datasheet
172Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
SR502 MCC-SR502_11 Datasheet
216Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
SR502 MCC-SR502_13 Datasheet
236Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com