Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD1722J5050D2HF Datasheet(PDF) 3 Page - Anaren Microwave

Part # PD1722J5050D2HF
Description  Ultra Low Profile 0805 Power Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD1722J5050D2HF Datasheet(HTML) 3 Page - Anaren Microwave

  PD1722J5050D2HF Datasheet HTML 1Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 2Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 3Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 4Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 5Page - Anaren Microwave PD1722J5050D2HF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model PD1722J5050D2HF
Rev A
Typical Performance: 1600 MHz. to 2300 MHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-3.6
-3.3
-3.0
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
Isolation
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]


Similar Part No. - PD1722J5050D2HF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
339Kb / 5P
   Ultra Low Profile 0805 Power Divider
More results

Similar Description - PD1722J5050D2HF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
PD0409J7575S2HF ANAREN-PD0409J7575S2HF Datasheet
351Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD1722J5050S2HF ANAREN-PD1722J5050S2HF Datasheet
343Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD2328J5050S2HF ANAREN-PD2328J5050S2HF Datasheet
222Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD3150J5050S2 ANAREN-PD3150J5050S2_14 Datasheet
351Kb / 7P
   Ultra Low Profile 0805 Power Divider
PD0810J5050S2 ANAREN-PD0810J5050S2_14 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider
PD1722J5050S3HF ANAREN-PD1722J5050S3HF Datasheet
357Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD2425J5050S2HF ANAREN-PD2425J5050S2HF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Power Divider
PD1722J5050D2HF ANAREN-PD1722J5050D2HF Datasheet
339Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD0922J5050D2HF ANAREN-PD0922J5050D2HF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Power Divider
PD0922J5050S2HF ANAREN-PD0922J5050S2HF Datasheet
346Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD0922J7575D2 ANAREN-PD0922J7575D2_14 Datasheet
354Kb / 7P
   Ultra Low Profile 0805 Power Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com