Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9309L-AX Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9309L-AX
Description  Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9309L-AX Datasheet(HTML) 1 Page - California Eastern Labs

  PS9309L-AX Datasheet HTML 1Page - California Eastern Labs PS9309L-AX Datasheet HTML 2Page - California Eastern Labs PS9309L-AX Datasheet HTML 3Page - California Eastern Labs PS9309L-AX Datasheet HTML 4Page - California Eastern Labs PS9309L-AX Datasheet HTML 5Page - California Eastern Labs PS9309L-AX Datasheet HTML 6Page - California Eastern Labs PS9309L-AX Datasheet HTML 7Page - California Eastern Labs PS9309L-AX Datasheet HTML 8Page - California Eastern Labs PS9309L-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
f
o
1
e
g
a
P
10
Mar 3, 2011
Preliminary Data Sheet
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
NEPOC Series−
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9309L and PS9309L2 are optical coupled high-speed, totem pole output (active high output type) isolators
containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one
chip.
The PS9309L and PS9309L2 are specified high CMR and pulse width distortion with operating temperature. It is
suitable for IPM drive.
The PS9309L is lead bending type (Gull-wing) for surface mounting.
The PS9309L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
High common mode transient immunity (CMH, CML = ±15 kV/ s MIN.)
Half size of 8-pin DIP
Pulse width distortion ( tPLH − tPHL = 220 ns MAX.)
High isolation voltage (BV = 5 000 Vr.m.s.)
Totem pole output (Active High Output Type)
Embossed tape product : PS9309L-E3 : 2 000 pcs/reel
l
e
e
r/
s
c
p
0
0
0
2
:
3
E
-
2
L
9
0
3
9
S
P
:
Pb-Free product
APPLICATIONS
IPM Driver
General purpose inverter
March 3, 2011
TRUTH TABLE
LED
Output
ON
H
OFF
L
PIN CONNECTION
(Top View)
1. Anode
2. NC
3. Cathode
4. GND
5. VO
6. VCC
6
4
1
3
2
5
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9309L-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L-E3 RENESAS-PS9309L-E3 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L-E3 RENESAS-PS9309L-E3 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L-V RENESAS-PS9309L-V Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L-V RENESAS-PS9309L-V Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L-V-E3 RENESAS-PS9309L-V-E3 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L-AX

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com