Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9303L-V Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9303L-V
Description  1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9303L-V Datasheet(HTML) 4 Page - California Eastern Labs

  PS9303L-V Datasheet HTML 1Page - California Eastern Labs PS9303L-V Datasheet HTML 2Page - California Eastern Labs PS9303L-V Datasheet HTML 3Page - California Eastern Labs PS9303L-V Datasheet HTML 4Page - California Eastern Labs PS9303L-V Datasheet HTML 5Page - California Eastern Labs PS9303L-V Datasheet HTML 6Page - California Eastern Labs PS9303L-V Datasheet HTML 7Page - California Eastern Labs PS9303L-V Datasheet HTML 8Page - California Eastern Labs PS9303L-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10694EJ04V0DS
4
PS9303L,PS9303L2
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS9303L
PS9303L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9303L
PS9303L-E3
PS9303L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000 pcs/reel
(UL, CSA approved)
PS9303L2
PS9303L2-AX
20 pcs (Tape 20 pcs cut)
PS9303L2
PS9303L2-E3
PS9303L2-E3-AX
Embossed Tape 2 000 pcs/reel
PS9303L-V
PS9303L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9303L
PS9303L-V-E3
PS9303L-V-E3-AX
Embossed Tape 2 000 pcs/reel
(VDE0884 Part2)
PS9303L2-V
PS9303L2-V-AX
20 pcs (Tape 20 pcs cut)
Approved (Option)
PS9303L2
PS9303L2-V-E3
PS9303L2-V-E3-AX
Embossed Tape 2 000 pcs/reel
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
20
mA
Reverse Voltage
VR
5
V
Detecto
r
Supply Voltage
VCC
0.5 to +25
V
Output Voltage
VO
0.5 to +25
V
Output Current
IO
25
mA
Power Dissipation
*2
PC
210
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
40 to +100
C
Storage Temperature
Tstg
55 to +125
C
*1 Reduced to 0.33 mA/ C at TA = 70 C or more.
*2 Reduced to 4.0 mW / C at TA = 70 C or more.
*3 AC voltage for 1 minute at TA = 25 C, RH = 60% between input and output.
Pins 1-3 shorted together, 4-6 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
15
20
V
Output Voltage
VO
0
20
V
Input Current (ON)
IF (ON)
6
10
mA
Input Voltage (OFF)
VF (OFF)
0
0.8
V
<R>


Similar Part No. - PS9303L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9303L-V RENESAS-PS9303L-V Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9303L-V-E3 RENESAS-PS9303L-V-E3 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
More results

Similar Description - PS9303L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
logo
California Eastern Labs
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com