Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9303L2-AX Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9303L2-AX
Description  1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9303L2-AX Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9303L2-AX Datasheet HTML 7Page - California Eastern Labs PS9303L2-AX Datasheet HTML 8Page - California Eastern Labs PS9303L2-AX Datasheet HTML 9Page - California Eastern Labs PS9303L2-AX Datasheet HTML 10Page - California Eastern Labs PS9303L2-AX Datasheet HTML 11Page - California Eastern Labs PS9303L2-AX Datasheet HTML 12Page - California Eastern Labs PS9303L2-AX Datasheet HTML 13Page - California Eastern Labs PS9303L2-AX Datasheet HTML 14Page - California Eastern Labs PS9303L2-AX Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet PN10694EJ04V0DS
11
PS9303L,PS9303L2
RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
<R>


Similar Part No. - PS9303L2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9303L2-E3 RENESAS-PS9303L2-E3 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9303L2-V RENESAS-PS9303L2-V Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9303L2-V-E3 RENESAS-PS9303L2-V-E3 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
More results

Similar Description - PS9303L2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
logo
California Eastern Labs
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com