Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH5502B2NA1-E4 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PH5502B2NA1-E4
Description  Ambient Illuminance Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PH5502B2NA1-E4 Datasheet(HTML) 3 Page - California Eastern Labs

  PH5502B2NA1-E4 Datasheet HTML 1Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 2Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 3Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 4Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 5Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 6Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 7Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 8Page - California Eastern Labs PH5502B2NA1-E4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PH5502B2NA1-E4
Chapter Title
0
1
f
o
3
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
3
0
0
S
D
8
0
R
Oct 05, 2011
BLOCK DIAGRAM
OUT
Light
Source
GND
VCC
MARKING EXAMPLE
(Bottom View)
1 pin
Assembly code
Product code
A 2
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PH5502B2NA1-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PH5502B2NA1-E4 RENESAS-PH5502B2NA1-E4 Datasheet
263Kb / 12P
   Ambient Illuminance Sensor
More results

Similar Description - PH5502B2NA1-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PH5503A2NA1 RENESAS-PH5503A2NA1_15 Datasheet
350Kb / 13P
   Ambient Illuminance Sensor
logo
California Eastern Labs
PH5503A2NA1 CEL-PH5503A2NA1 Datasheet
1Mb / 13P
   Ambient Illuminance Sensor
logo
Renesas Technology Corp
PH5502B2NA1-E4 RENESAS-PH5502B2NA1-E4 Datasheet
263Kb / 12P
   Ambient Illuminance Sensor
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4_15 Datasheet
308Kb / 12P
   Ambient Illuminance Sensor
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4 Datasheet
232Kb / 12P
   Ambient Illuminance Sensor
PH5503A2NA1 RENESAS-PH5503A2NA1 Datasheet
270Kb / 13P
   Ambient Illuminance Sensor
logo
California Eastern Labs
PH5551A2NA1-E4 CEL-PH5551A2NA1-E4 Datasheet
383Kb / 11P
   Ambient Illuminance Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com