Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8502-V Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8502-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8502-V Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS8502-V Datasheet HTML 2Page - California Eastern Labs PS8502-V Datasheet HTML 3Page - California Eastern Labs PS8502-V Datasheet HTML 4Page - California Eastern Labs PS8502-V Datasheet HTML 5Page - California Eastern Labs PS8502-V Datasheet HTML 6Page - California Eastern Labs PS8502-V Datasheet HTML 7Page - California Eastern Labs PS8502-V Datasheet HTML 8Page - California Eastern Labs PS8502-V Datasheet HTML 9Page - California Eastern Labs PS8502-V Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet PN10657EJ04V0DS
6
PS8502,PS8502L1,PS8502L2,PS8502L3
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
A
Forward Voltage
Temperature Coefficent
VF/ TA
IF = 16 mA
2.1
mV/ C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 35 V
100
A
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA
0.15
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = Open, VCC = 35 V
150
A
High Level Supply Current
ICCH
IF = 0 mA, VO = Open, VCC = 35 V
0.01
1
A
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
%
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.7
pF
Propagation Delay Time
tPHL
IF = 16 mA, VCC = 5 V, RL = 1.9 k
0.22
0.8
s
(H
L)
*2
Propagation Delay Time
tPLH
IF = 16 mA, VCC = 5 V, RL = 1.9 k
0.35
0.8
s
(L
H)
*2
Common Mode
Transient Immunity at High
Level Output
*3
CMH
IF = 0 mA, VCC = 5 V, VCM = 1.5 kV,
RL = 4.1 k
15
kV/ s
Common Mode
Transient Immunity at Low
Level Output
*3
CML
IF = 16 mA, VCC = 5 V, VCM = 1.5 kV,
RL = 4.1 k
15
kV/ s
<R>


Similar Part No. - PS8502-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8502-V RENESAS-PS8502-V Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8502-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com