Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6511GH-AZ Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX6511GH-AZ
Description  LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6511GH-AZ Datasheet(HTML) 1 Page - California Eastern Labs

  NX6511GH-AZ Datasheet HTML 1Page - California Eastern Labs NX6511GH-AZ Datasheet HTML 2Page - California Eastern Labs NX6511GH-AZ Datasheet HTML 3Page - California Eastern Labs NX6511GH-AZ Datasheet HTML 4Page - California Eastern Labs NX6511GH-AZ Datasheet HTML 5Page - California Eastern Labs NX6511GH-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
2
5
0
0
S
D
8
0
R
Jan 19, 2012
Preliminary
Data Sheet
NX6511GH
LASER DIODE
1 550 nm InGaAsP MQW-DFB LASER DIODE
FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
DESCRIPTION
The NX6511GH is a 1 550 nm Multiple Quantum Well (MQW) structured
Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
APPLICATIONS
1.25 Gb/s FTTH P2P
OC-48 IR-2
FEATURES
Optical output power
PO = 5.0 mW
Low threshold current
Ith = 10 mA
Differential efficiency
ηd = 0.35 W/A
Wide operating temperature range
TC = −40 to +85°C
InGaAs monitor PIN-PD
CAN package
φ 5.6 mm
Focal point
10 mm
R08DS0052EJ0100
Rev.1.00
Jan 19, 2012
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NX6511GH-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results

Similar Description - NX6511GH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX7302BA-CC CEL-NX7302BA-CC Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com