Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57621C472J62 Datasheet(PDF) 2 Page - EPCOS

Part # B57621C472J62
Description  SMD NTC Thermistors with Silver Palladium Termination, Size 1206
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57621C472J62 Datasheet(HTML) 2 Page - EPCOS

  B57621C472J62 Datasheet HTML 1Page - EPCOS B57621C472J62 Datasheet HTML 2Page - EPCOS B57621C472J62 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61
05/02
+: J for
∆R
N/RN = ±
5 %
Kfor
∆RN/RN = ± 10 %
Mfor
∆R
N/RN = ± 20 %
R25
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
100 k
4901
3870
3930
3950
B57621C0104+062
150 k
2903
4120
4190
4200
B57621C0154+162
220 k
2903
4120
4190
4200
B57621C0224+062
330 k
1014
4090
4210
4250
B57621C0334+062
470 k
1014
4090
4210
4250
B57621C0474+062
Reliability data
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a
standardized PCB in accordance with IEC 60539-1.
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
JIS C 0021
Storage at upper
category temperature
T: (125
± 2) °C
t: 1000 h
< 3 %
Storage in damp
heat, steady state
IEC
60068-2-3
JIS C 0022
Temperature of air: (40
± 2) °C
Relative humidity of air:
(93 +2 /–3) %
Duration: 21 days
< 3 %
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
JIS C 0025
Lower test temperature: – 55
°C
Upper test temperature: 125
°C
Number of cycles: 10
< 3 %
Endurance
Pmax: 300 mW
T: (65
± 2) °C
t: 1000 h
< 5 %
Solderability
IEC
60068-2-58
JIS C 0054
Solderability:
(215
± 3) °C / (3 ± 0,3) s
(235
± 5) °C / (2 ± 0,2) s
Resistance to soldering heat:
(260
± 5) °C / (10 ± 1) s
95 % of
terminations
wetted
Resistance drift
after soldering
Reflow soldering profile
Wave soldering profile
< 5 %
B57621
Temperature Measurement
C621
SMD NTC Thermistors with Silver Palladium Termination, Size 1206


Similar Part No. - B57621C472J62

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57621C0103 EPCOS-B57621C0103 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0104 EPCOS-B57621C0104 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0153 EPCOS-B57621C0153 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0154 EPCOS-B57621C0154 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0222 EPCOS-B57621C0222 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
More results

Similar Description - B57621C472J62

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57620-C104-J162 EPCOS-B57620-C104-J162 Datasheet
38Kb / 2P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C221J62 EPCOS-B57620C221J62 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C2472J62 EPCOS-B57620C2472J62 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57621C0222 EPCOS-B57621C0222 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com