Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6351GP Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX6351GP
Description  1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6351GP Datasheet(HTML) 3 Page - California Eastern Labs

  NX6351GP Datasheet HTML 1Page - California Eastern Labs NX6351GP Datasheet HTML 2Page - California Eastern Labs NX6351GP Datasheet HTML 3Page - California Eastern Labs NX6351GP Datasheet HTML 4Page - California Eastern Labs NX6351GP Datasheet HTML 5Page - California Eastern Labs NX6351GP Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NX6351GP Series
Chapter Title
R08DS0087EJ0100 Rev.1.00
Page 3 of 5
Feb 25, 2013
ORDERING INFORMATION
Part Number
Package
Pin Connections
NX6351GPxx
1
1
2
3
4
LD
PD
Note: 1.
The last two digits (”xx”) of Part Number indicates Wavelength Code.
The relationships between the code and wavelength are as follows.
WAVELENGTH CODE
WAVELENGTH (nm)
27
1 270
29
1 290
31
1 310
33
1 330
35
1 350
Remarks 1. The color of lens cap might be observed differently.
2. The hermetic test will be performed as AQL 1.0%.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NX6351GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6351GP RENESAS-NX6351GP Datasheet
833Kb / 7P
   LASER DIODE
Feb 25, 2013
NX6351GP27 RENESAS-NX6351GP27 Datasheet
833Kb / 7P
   LASER DIODE
Feb 25, 2013
NX6351GP29 RENESAS-NX6351GP29 Datasheet
833Kb / 7P
   LASER DIODE
Feb 25, 2013
NX6351GP31 RENESAS-NX6351GP31 Datasheet
833Kb / 7P
   LASER DIODE
Feb 25, 2013
NX6351GP33 RENESAS-NX6351GP33 Datasheet
833Kb / 7P
   LASER DIODE
Feb 25, 2013
More results

Similar Description - NX6351GP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6353EP CEL-NX6353EP Datasheet
714Kb / 6P
   1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6352GP CEL-NX6352GP Datasheet
1Mb / 6P
   LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6351GP RENESAS-NX6351GP_15 Datasheet
266Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
NX6353EP RENESAS-NX6353EP_15 Datasheet
247Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
NX6352GP RENESAS-NX6352GP_15 Datasheet
286Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6350GP CEL-NX6350GP Datasheet
903Kb / 6P
   1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6350GP RENESAS-NX6350GP_15 Datasheet
129Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6350EP RENESAS-NX6350EP_15 Datasheet
138Kb / 7P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
NX8346TS CEL-NX8346TS Datasheet
195Kb / 8P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com