Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8501L3-V-E3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS8501L3-V-E3
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8501L3-V-E3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS8501L3-V-E3 Datasheet HTML 1Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 2Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 3Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 4Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 5Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 6Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 7Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 8Page - California Eastern Labs PS8501L3-V-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10656EJ04V0DS
5
PS8501,PS8501L1,PS8501L2,PS8501L3
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*
1
PS8501
PS8501-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS8501
PS8501L1
PS8501L1-AX
(Ni/Pd/Au)
(UL, CSA, BSI,
PS8501L1
PS8501L2
PS8501L2-AX
SEMKO, NEMKO,
PS8501L2
PS8501L3
PS8501L3-AX
DEMKO, FIMKO
PS8501L3
PS8501L2-E3
PS8501L2-E3-AX
Embossed Tape 1 000 pcs/reel
approved)
PS8501L2
PS8501L3-E3
PS8501L3-E3-AX
PS8501L3
PS8501-V
PS8501-V-AX
Magazine case 50 pcs
DIN EN60747-5-2
PS8501
PS8501L1-V
PS8501L1-V-AX
(VDE0884 Part2)
PS8501L1
PS8501L2-V
PS8501L2-V-AX
Approved (Option)
PS8501L2
PS8501L3-V
PS8501L3-V-AX
PS8501L3
PS8501L2-V-E3
PS8501L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS8501L2
PS8501L3-V-E3
PS8501L3-V-E3-AX
PS8501L3
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
25
mA
Reverse Voltage
VR
5
V
Detecto
r
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8
mA
Power Dissipation
*2
PC
100
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
55 to +100
C
Storage Temperature
Tstg
55 to +125
C
*1 Reduced to 0.33 mA/ C at TA = 70 C or more.
*2 Reduced to 2.0 mW / C at TA = 75 C or more.
*3 AC voltage for 1 minute at TA = 25 C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.


Similar Part No. - PS8501L3-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8501L3-V-E3 RENESAS-PS8501L3-V-E3 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8501L3-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com