Electronic Components Datasheet Search |
|
EL7182C Datasheet(PDF) 1 Page - Elantec Semiconductor |
|
EL7182C Datasheet(HTML) 1 Page - Elantec Semiconductor |
1 / 8 page EL7182C 2-Phase High Speed CCD Driver Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation 1994 Elantec Inc Features 3V and 5V Input compatible Clocking speeds up to 10 MHz Reduced clock skew 20 ns Switchingdelay time 2A Peak drive Low quiescent current Wide operating voltage 45V – 16V Applications CCD Drivers requiring high- contrast imaging Differential line drivers Push-pull circuits Ordering Information Part No Temp Range Pkg Outline EL7182CN b40 Cto a85 C 8-Pin P-DIP MDP0031 EL7182CS b40 Cto a85 C 8-Pin SO MDP0027 General Description The EL7182C is extremely well suited for driving CCD’s espe- cially where high contrast imaging is desirable The 16V supply rating is attractive for higher voltage CCD applications as in color fax machines The input is TTL and 3V compatible The low quiescent current requirement is advantageous in portable battery powered systems The EL7182 is available in 8-pin P-DIP and 8-lead SO packages Connection Diagram EL7182C 7182 – 1 Manufactured under US Patent Nos 5334883 5341047 |
Similar Part No. - EL7182C |
|
Similar Description - EL7182C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |