Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7182C Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL7182C
Description  2-Phase, High Speed CCD Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7182C Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL7182C Datasheet HTML 1Page - Elantec Semiconductor EL7182C Datasheet HTML 2Page - Elantec Semiconductor EL7182C Datasheet HTML 3Page - Elantec Semiconductor EL7182C Datasheet HTML 4Page - Elantec Semiconductor EL7182C Datasheet HTML 5Page - Elantec Semiconductor EL7182C Datasheet HTML 6Page - Elantec Semiconductor EL7182C Datasheet HTML 7Page - Elantec Semiconductor EL7182C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EL7182C
2-Phase High Speed CCD Driver
Absolute Maximum Ratings
Supply (Va to Gnd)
165V
Input Pins
b
03V to a03V above V
a
Combined Peak Output Current
4A
Storage Temperature Range
b
65 Cto a150 C
Ambient Operating Temperature
b
40 Cto a85 C
Operating Junction Temperature
125 C
Power Dissipation
SOIC
570 mW
PDIP
1050 mW
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics T
A
e
25 C V e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Input
VIH
Logic ‘‘1’’ Input Voltage
24
I
V
IIH
Logic ‘‘1’’ Input Current
Va
01
10
I
mA
VIL
Logic ‘‘0’’ Input Voltage
08
I
V
IIL
Logic ‘‘0’’ Input Current
0V
01
10
I
mA
VHVS
Input Hysteresis
03
V
V
Output
ROH
Pull-Up Resistance
IOUT eb100 mA
3
6
I
X
ROL
Pull-Down Resistance
IOUT ea100 mA
4
6
I
X
IPK
Peak Output Current
Source
2
IV
A
Sink
2
IDC
Continuous Output Current
SourceSink
100
I
mA
Power Supply
IS
Power Supply Current
Input High
25
5
I
mA
VS
Operating Voltage
45
16
I
V
2


Similar Part No. - EL7182C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7182CN INTERSIL-EL7182CN Datasheet
91Kb / 5P
   2-Phase, High Speed CCD Driver
EL7182CN INTERSIL-EL7182CN Datasheet
192Kb / 7P
   2-Phase, High Speed CCD Driver
logo
Renesas Technology Corp
EL7182CN RENESAS-EL7182CN Datasheet
457Kb / 7P
   2-Phase, High Speed CCD Driver
logo
Intersil Corporation
EL7182CS INTERSIL-EL7182CS Datasheet
91Kb / 5P
   2-Phase, High Speed CCD Driver
EL7182CS INTERSIL-EL7182CS Datasheet
192Kb / 7P
   2-Phase, High Speed CCD Driver
More results

Similar Description - EL7182C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7182 INTERSIL-EL7182_06 Datasheet
192Kb / 7P
   2-Phase, High Speed CCD Driver
EL7182 INTERSIL-EL7182 Datasheet
91Kb / 5P
   2-Phase, High Speed CCD Driver
logo
Renesas Technology Corp
EL7182 RENESAS-EL7182 Datasheet
457Kb / 7P
   2-Phase, High Speed CCD Driver
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Intersil Corporation
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
   High-Speed Dual Precision CCD Driver
logo
Mitsubishi Electric Sem...
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
   CCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com