Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-C155TBJRCT Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-C155TBJRCT
Description  3.2*2.7*1.1 mm SMD LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-C155TBJRCT Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

  L-C155TBJRCT Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-C155TBJRCT Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3.2*2.7*1.1 mm SMD LED
L-C155TBJRCT
REV:A / 0
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If clean is necessary, immerse the LED in ethyl alcohol or in isopropyl alcohol at normal temperature
for less one minute.
Suggest Soldering Pad Dimensions
Package Dimensions Of Tape And Reel
Notes:
1. All dimensions are in millimeters (inches).
DRAWING NO. : DS-31-13-0028
DATE : 2013-03-06
Page : 7
Release
by
PARA LIGHT DCC


Similar Part No. - L-C155TBJRCT

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-C155TBJRCT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3227SURKZGKC KINGBRIGHT-APB3227SURKZGKC Datasheet
296Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKCGKC KINGBRIGHT-APB3227SURKCGKC Datasheet
303Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APB3227SYKCGKC TO-GRACE-APB3227SYKCGKC Datasheet
928Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
APB3227ZGKQBDC TO-GRACE-APB3227ZGKQBDC Datasheet
910Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SEKCGKC TO-GRACE-APB3227SEKCGKC Datasheet
907Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKZGKC TO-GRACE-APB3227SURKZGKC Datasheet
900Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKCGKC TO-GRACE-APB3227SURKCGKC Datasheet
914Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
KPT-3216YC TO-GRACE-KPT-3216YC Datasheet
833Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
KPT-3216CGCK TO-GRACE-KPT-3216CGCK Datasheet
794Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216SYCK TO-GRACE-APT3216SYCK Datasheet
801Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com