Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5550234 Datasheet(PDF) 10 Page - California Eastern Labs

Part # NE5550234
Description  Silicon Power MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5550234 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NE5550234 Datasheet HTML 6Page - California Eastern Labs NE5550234 Datasheet HTML 7Page - California Eastern Labs NE5550234 Datasheet HTML 8Page - California Eastern Labs NE5550234 Datasheet HTML 9Page - California Eastern Labs NE5550234 Datasheet HTML 10Page - California Eastern Labs NE5550234 Datasheet HTML 11Page - California Eastern Labs NE5550234 Datasheet HTML 12Page - California Eastern Labs NE5550234 Datasheet HTML 13Page - California Eastern Labs NE5550234 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NE5550234
R09DS0039EJ0300 Rev.3.00
Page 10 of 14
Mar 12, 2013
TYPICAL CHARACTERISTICS 3 (TA = 25
°C)
RF:
f = 900 MHz, VDS = 3.6/4.5/6/7.5/9 V, IDset = 40 mA, Pin = –10 to 20 dBm
Input Power Pin (dBm)
POWER GAIN, DRAIN CURRENT
vs. INPUT POWER
0
35
30
25
20
15
10
5
0
35
30
25
20
15
10
5
0
100
80
60
40
20
25
20
10
5
0
–15
–10
–5
15
25
20
10
5
0
–15
–10
–5
15
Input Power Pin (dBm)
OUTPUT POWER, POWER ADDED
EFFICIENCY vs. INPUT POWER
140
120
0
0.5
0.4
0.3
0.2
0.1
0
100
80
60
40
20
0
100
80
60
40
20
0.7
0.6
add
- 6.0 V
add
- 4.5 V
add
- 7.5 V
add
- 9 V
add
- 3.6 V
GP - 3.6 V
GP - 4.5 V
GP - 6 V
GP - 7.5 V
GP - 9 V
η
η
η
η
η
IDS - 3.6 V
IDS - 6.0 V
IDS - 4.5 V
IDS - 9 V
IDS - 7.5 V
Pout - 3.6 V
Pout - 4.5 V
Pout - 6.0 V
Pout - 7.5 V
Pout - 9 V
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE5550234

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5550234-A RENESAS-NE5550234-A Datasheet
137Kb / 2P
   RF & Microwave device
NE5550234-AZ RENESAS-NE5550234-AZ Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5550234-T1 RENESAS-NE5550234-T1 Datasheet
1Mb / 16P
   Silicon Power MOS FET
More results

Similar Description - NE5550234

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
   SILICON POWER MOS FET
2003
NE552R679A RENESAS-NE552R679A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
   SILICON POWER MOS FET
2007
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
   SILICON POWER MOS FET
2003
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
   SILICON POWER MOS FET
2007
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
   SILICON POWER MOS FET
2003
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com