Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5550234-AZ Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE5550234-AZ
Description  Silicon Power MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5550234-AZ Datasheet(HTML) 3 Page - California Eastern Labs

  NE5550234-AZ Datasheet HTML 1Page - California Eastern Labs NE5550234-AZ Datasheet HTML 2Page - California Eastern Labs NE5550234-AZ Datasheet HTML 3Page - California Eastern Labs NE5550234-AZ Datasheet HTML 4Page - California Eastern Labs NE5550234-AZ Datasheet HTML 5Page - California Eastern Labs NE5550234-AZ Datasheet HTML 6Page - California Eastern Labs NE5550234-AZ Datasheet HTML 7Page - California Eastern Labs NE5550234-AZ Datasheet HTML 8Page - California Eastern Labs NE5550234-AZ Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NE5550234
4
1
f
o
3
e
g
a
P
0
0
.
3
.
v
e
R
0
0
3
0
J
E
9
3
0
0
S
D
9
0
R
Mar 12, 2013
TEST CIRCUIT SCHEMATIC FOR 460 MHz
C20
C10
IN
OUT
C22
C11
C12
C21
C1
VDS
C1
L1
R1
VGS
NE5550234
50 Ω
50 Ω
L20
L10
L11
COMPONENTS OF TEST CIRCUIT FOR MEASURING ELECTRICAL CHARACTERISTICS
r
e
k
a
M
e
p
y
T
e
u
l
a
V
l
o
b
m
y
S
C1
1 μ
a
t
a
r
u
M
L
8
8
A
K
5
0
1
H
1
7
R
M
1
3
M
R
G
F
a
t
a
r
u
M
1
0
A
J
0
7
2
H
1
C
2
8
8
1
M
R
G
F
p
7
2
0
1
C
a
t
a
r
u
M
1
0
Z
C
9
R
3
H
1
C
2
8
8
1
M
R
G
F
p
9
.
3
1
1
C
a
t
a
r
u
M
1
0
A
J
0
8
1
H
1
C
2
8
8
1
M
R
G
F
p
8
1
2
1
C
a
t
a
r
u
M
1
0
A
J
0
2
1
H
1
C
2
8
8
1
M
R
G
F
p
2
1
0
2
C
a
t
a
r
u
M
1
0
Z
C
5
R
1
H
1
C
2
8
8
1
M
R
G
F
p
5
.
1
1
2
C
a
t
a
r
u
M
D
1
0
A
J
1
0
1
H
1
C
2
6
1
2
M
R
G
F
p
0
0
1
2
2
C
R1
4.7 kΩ
M
S
S
r
o
t
s
i
s
e
R
p
i
h
C
W
0
1
/
1
2
7
4
B
P
8
0
6
1
G
R
_
M
S
S
L1
47.2 nH
φ 0.4 mm, φ
u
o
y
g
n
a
s
e
h
O
s
n
r
u
T
7
,
m
m
2
=
D
L10, L11
12 nH
LL1608-FS12NJ
TOKO
L20
7.8 nH
φ 0.4 mm, φ
u
o
y
g
n
a
s
e
h
O
s
n
r
u
T
3
,
m
m
4
.
1
=
D
PCB
R1766, t = 0.8 mm, εr = 4.8, size = 30 × 40 mm
Panasonic
SMA Connecter
A
K
A
W
0
2
-
0
9
7
0
K
1
0
A
K
A
W
COMPONENT LAYOUT OF TEST CIRCUIT FOR 460 MHz
OUT
V
GS
V
DS
C1
C1
IN
C1
C1
R1
R1
L1
L1
C10
C10
C11
C11
L10
L10
C12
C12
L11
L11
L20
L20
C20
C20 C21
C21
C22
C22
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE5550234-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550234-AZ RENESAS-NE5550234-AZ Datasheet
1Mb / 16P
   Silicon Power MOS FET
More results

Similar Description - NE5550234-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
   SILICON POWER MOS FET
2003
NE552R679A RENESAS-NE552R679A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
   SILICON POWER MOS FET
2007
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
   SILICON POWER MOS FET
2003
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
   SILICON POWER MOS FET
2007
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
   SILICON POWER MOS FET
2003
NE5550234 RENESAS-NE5550234 Datasheet
1Mb / 16P
   Silicon Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com