Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3513M04-T2B-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE3513M04-T2B-A
Description  N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3513M04-T2B-A Datasheet(HTML) 7 Page - California Eastern Labs

  NE3513M04-T2B-A Datasheet HTML 1Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 2Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 3Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 4Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 5Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 6Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 7Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 8Page - California Eastern Labs NE3513M04-T2B-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NE3513M04
8
f
o
7
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
2
0
0
S
D
9
0
R
Oct 18, 2011
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. For soldering methods and
conditions other than those recommended below, contact your nearby sales office.
l
o
b
m
y
S
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
g
n
i
r
e
d
l
o
S
d
o
h
t
e
M
g
n
i
r
e
d
l
o
S
Infrared Reflow
Peak temperature (package surface temperature) : 260°C or below
s
s
e
l
r
o
s
d
n
o
c
e
s
0
1
:
e
r
u
t
a
r
e
p
m
e
t
k
a
e
p
t
a
e
m
i
T
Time at temperature of 220°C or higher
: 60 seconds or less
Preheating time at 120 to 180°C
: 120±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass) : 0.2% (Wt.) or below
IR260
Partial Heating
Peak temperature (terminal temperature)
: 350°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass) : 0.2% (Wt.) or below
HS350
CAUTION
Do not use different soldering methods together (except for partial heating).
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE3513M04-T2B-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3513M04-T2B RENESAS-NE3513M04-T2B Datasheet
228Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3513M04-T2B RENESAS-NE3513M04-T2B Datasheet
239Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
More results

Similar Description - NE3513M04-T2B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3516S02 CEL-NE3516S02 Datasheet
333Kb / 9P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3516S02 RENESAS-NE3516S02 Datasheet
152Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3513M04 RENESAS-NE3513M04 Datasheet
228Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3516S02 RENESAS-NE3516S02_15 Datasheet
152Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3513M04 RENESAS-NE3513M04_15 Datasheet
239Kb / 10P
   N-Channel GaAs HJ-FET, X to Ku Band Low Noise and High-Gain
NE3521M04 RENESAS-NE3521M04_15 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
California Eastern Labs
NE3521M04 CEL-NE3521M04 Datasheet
653Kb / 9P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3520S03-A RENESAS-NE3520S03-A Datasheet
505Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
NE3521M04 RENESAS-NE3521M04 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
California Eastern Labs
NE3520S03 CEL-NE3520S03 Datasheet
505Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com