Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7512CY Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7512CY
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7512CY Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7512CY Datasheet HTML 1Page - Elantec Semiconductor EL7512CY Datasheet HTML 2Page - Elantec Semiconductor EL7512CY Datasheet HTML 3Page - Elantec Semiconductor EL7512CY Datasheet HTML 4Page - Elantec Semiconductor EL7512CY Datasheet HTML 5Page - Elantec Semiconductor EL7512CY Datasheet HTML 6Page - Elantec Semiconductor EL7512CY Datasheet HTML 7Page - Elantec Semiconductor EL7512CY Datasheet HTML 8Page - Elantec Semiconductor EL7512CY Datasheet HTML 9Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL7512C is a high frequency, high efficiency step-up DC:DC
regulator operated at fixed frequency PWM mode. With an integrated
1A MOSFET, it can deliver up to 600mA output current at up to 90%
efficiency. The adjustable switching frequency is up to 1.2MHz, mak-
ing it ideal for DSL applications.
When shut down, it draws <3µA of current. This feature, along with
the minimum starting voltage of 2V, makes it suitable for portable
equipment powered by one lithium ion or 3 to 4 NiMH cells.
The EL7512C is available in a 10-pin MSOP package, with maximum
height of 1.1mm. With proper external components, the whole con-
verter takes less than 0.25in2 PCB space.
This device is specified for operation over the full -40°C to +85°C
temperature range.
Typical Application Diagram
1
2
3
4
10
9
8
7
5
6
EL7512C
PGND
SGND
RT
EN
LBI
LX
VDD
FB
SS
LBO
47µF
80.6k
10k
4.7nF
10µH
100k
20nF
10µF
VIN
(2V-
9V)
VOUT
(12V up
to
400mA)
Features
• 90% efficiency
• Up to 600mA IOUT
• 5V < VOUT < 18V
• VIN > 2V
• Up to 1.2MHz adjustable
frequency
• < 3µA shutdown current
• Adjustable soft-start
• Low battery detection
• Internal thermal protection
• 1.1mm max height 10-pin MSOP
package
Applications
• 3V to 5V, 12V, and 18V
converters
• 5V to 12V and 16V converters
• TFT-LCD
• DSL
• Portable equipment
• Desktop equipment
Ordering Information
Part No
Package
Tape & Reel
Outline #
EL7512CY
10-Pin MSOP
MDP0043
EL7512C - Preliminary
High Frequency PWM Step-Up Regulator


Similar Part No. - EL7512CY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7512CY INTERSIL-EL7512CY Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7512CY RENESAS-EL7512CY Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512CY-T13 INTERSIL-EL7512CY-T13 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7512CY-T13 RENESAS-EL7512CY-T13 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512CY-T7 INTERSIL-EL7512CY-T7 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7512CY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com