Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL745 Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL745
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL745 Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL745 Datasheet HTML 4Page - Elantec Semiconductor EL745 Datasheet HTML 5Page - Elantec Semiconductor EL745 Datasheet HTML 6Page - Elantec Semiconductor EL745 Datasheet HTML 7Page - Elantec Semiconductor EL745 Datasheet HTML 8Page - Elantec Semiconductor EL745 Datasheet HTML 9Page - Elantec Semiconductor EL745 Datasheet HTML 10Page - Elantec Semiconductor EL745 Datasheet HTML 11Page - Elantec Semiconductor EL745 Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
EL7457C
40MHz Non-Inverting Quad CMOS Driver
Application Information:
Product Description
The EL7457C is a high performance 40MHz ultra-high
speed quad driver. Each channel of the EL7457C con-
sists of a single P-channel high side driver and a single
N-channel low side driver. These 3
Ω devices will pull
the output (OUTX) to either the high or low voltage, on
VH and VL respectively, depending on the input logic
signal (INX). It should be noted that there is only one set
of high and low voltage pins.
A common output enable (OE) pin is available on the
EL7457C. This pin, when pulled low will put all outputs
in to the high impedance state.
The EL7457C is available in both the 16-pin SOIC and
the space saving 16-pin QSOP packages. The relevant
package should be chosen depending on the calculated
power dissipation.
Supply Voltage Range and Input Compatibility
The EL7457C is designed for operation on supplies from
5V to 15V with 10% tolerance (i.e. 4.5V to 16.5V). The
table on page 6 shows the specifications for the relation-
ship between the VS+, VS-, VH, VL and GND pins. The
EL7457C does not contain a true analog switch and
therefore VL should always be less than VH.
All input pins are compatible with both 3V and 5V
CMOS signals With a positive supply (VS+) of 5V, the
EL7457C is also compatible with TTL inputs.
Power Supply Bypassing
When using the EL7457C, it is very important to use
adequate power supply bypassing. The high switching
currents developed by the EL7457C necessitate the use
of a bypass capacitor on both the positive and negative
supplies. It is recommended that a 4.7µ F tantalum
capacitor be used in parallel with a 0.1µ F low-induc-
tance ceramic MLC capacitor. These should be placed as
close to the supply pins as possible. It is also recom-
mended that the VH and VL pins have some level of
bypassing, especially if the EL7457C is driving highly
capacitive loads.
Power Dissipation Calculation
When switching at high speeds, or driving heavy loads,
the EL7457C drive capability is limited by the rise in die
temperature brought about by internal power dissipation.
For reliable operation die temperature must be kept
below Tjmax (125°C). It is necessary to calculate the
power dissipation for a given application prior to select-
ing the package type.
Power dissipation may be calculated:
where:
• VS is the total power supply to the EL7457C (from
VS+ to VS-),
• Vout is the swing on the output (VH - VL),
• CL is the load capacitance,
• CINT is the internal load capacitance (50pF max.),
• IS is the quiescent supply current (3mA max.) and
• f is frequency
Having obtained the application’s power dissipation, a
maximum package thermal coefficient may be deter-
mined, to maintain the internal die temperature below
Tjmax.
where:
• Tjmax is the maximum junction temperature (125°C),
• Tmax is the maximum operating temperature,
• PD is the power dissipation calculated above.
Using the value of
θja, a suitable package for the applica-
tion may be selected.
In applications with a
θja greater than 158°C/W, a 16-pin
QSOP may be used. A 16-pin SOIC is suitable for appli-
cations with a
θja value greater than 110°C/W. However,
PD
V
S
I
S
×
()
C
INT
V
S
2
×
f
×
()
C
L
V
OUT
2
×
f
×
()
+
1
4
+
=
θ
ja
T
jmax
T
max
()
PD
----------------------------------------
=


Similar Part No. - EL745

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
EL7457CL INTERSIL-EL7457CL Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
EL7457CL-T13 INTERSIL-EL7457CL-T13 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL745

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com