Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7556BC Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL7556BC
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7556BC Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL7556BC Datasheet HTML 5Page - Elantec Semiconductor EL7556BC Datasheet HTML 6Page - Elantec Semiconductor EL7556BC Datasheet HTML 7Page - Elantec Semiconductor EL7556BC Datasheet HTML 8Page - Elantec Semiconductor EL7556BC Datasheet HTML 9Page - Elantec Semiconductor EL7556BC Datasheet HTML 10Page - Elantec Semiconductor EL7556BC Datasheet HTML 11Page - Elantec Semiconductor EL7556BC Datasheet HTML 12Page - Elantec Semiconductor EL7556BC Datasheet HTML 13Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
EL7556BC
Integrated Adjustable 6 Amp Synchronous Switcher
parator will terminate the high-side switch. If ILMAX
has not been reached, the regulator output voltage is then
compared to the reference voltage VREF. The resultant
error voltage is summed with the current feedback and
slope compensation ramp. The high-side switch remains
on until all three comparator inputs have summed to
zero, at which time the high-side switch is turned off and
the low-side switch is turned on. In order to eliminate
cross-conduction of the high-side and low-side switches
a 10ns break-before-make delay is incorporated in the
switch driver circuitry. In the continuous mode of opera-
tion the low-side switch will remain on until the end of
the oscillator period. In order to improve the low current
efficiency of the EL7556BC, a zero-crossing comparator
senses when the inductor transitions through zero. Turn-
ing off the low-side switch at zero inductor current
prevents forward conduction through the internal clamp-
ing diodes (LX to VSSP) when the low-side switch turns
off, reducing power dissipation. The output enable
(OUTEN) input allows the regulator output to be dis-
abled by an external logic control signal.
Output Voltage Mode Select
The VCC2DET multiplexes the FB1 and FB2 pins to the
PWM controller. A logic 1 on VCC2DET selects the
FB2 input and forces the output voltage to the internally
programmed value of 3.50V. A logic zero on VCC2DET
selects FB1 and allows the output to be programmed
from 1.0 to 3.8V. In general:
However, due to the relatively low open loop gain of the
system, gain errors will occur as the output voltage and
loop-gain are changed. This is shown in the performance
curves. (The output voltage is factory trimmed to mini-
mize error at a 2.50V output). A 2uA pull-up current
from FB1 to VIN forces VOUT to GND in the event that
FB1 is not used and the VCC2DET is inadvertently tog-
gled between the internal and external feedback mode of
operation.
NMOS Power FETS and Drive Circuitry
The EL7556BC integrates low resistance (25m
Ω)
NMOS FETS to achieve high efficiency at 6A. Gate
drive for both the high-side and low-side switches is
derived through a charge pump consisting of the CP pin
and external components D1-D3 and C5-C6. The CP
output is a low resistance inverter driven at one-half the
oscillator frequency. This is used in conjunction with
D2-D3 to generate a 7.5V (typical) voltage on the C2V
pin which provides gate drive to the low-side NMOS
switch and associated level shifter. In order to use an
NMOS switch for the high-side drive it is necessary to
drive the gate voltage above the source voltage (LX).
This is accomplished by boot-strapping the VHI pin
above the C2V voltage with capacitor C6 and diode D1.
When the low-side switch is turned on the LX voltage is
close to GND potential and capacitor C6 is charged
through diodes D1-D3 to approximately 6.9V. At the
beginning of the next cycle the high side switch turns on
and the LX pin begins to rise from GND to VDD poten-
tial. As the LX pin rises the positive plate of capacitor
C6 follows and eventually reaches a value of approxi-
mately 11.2V, for VDD=5V. This voltage is then level
shifted and used to drive the gate of the high-side FET,
via the VHI pin.
Reference
A 1% temperature compensated band gap reference is
integrated in the EL7556BC. The external CREF capac-
itor acts as the dominant pole of the amplifier and can be
increased in size to maximize transient noise rejection.
A value of 0.1uF is recommended.
Oscillator
The system clock is generated by an internal relaxation
oscillator with a maximum duty-cycle of approximately
96%. Operating frequency can be adjusted through the
COSC pin or can be driven by an external clock source.
If the oscillator is driven by an external source, care
must be taken in the selection of CSLOPE. Since the
COSC and CSLOPE values determine the open loop
gain of the system, changes to COSC require corre-
sponding changes to CSLOPE in order to maintain a
constant gain ratio. The recommended ratio of COSC to
CSLOPE is 1.5:1
Temperature Sensor
An internal temperature sensor continuously monitors
die temperature. In the event that die temperature
VOUT
1V
1
R3
R4
------
+



×
Volt
×
=


Similar Part No. - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7556BCM INTERSIL-EL7556BCM Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556BCM-T13 INTERSIL-EL7556BCM-T13 Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com