Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7556BC Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL7556BC
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7556BC Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL7556BC Datasheet HTML 1Page - Elantec Semiconductor EL7556BC Datasheet HTML 2Page - Elantec Semiconductor EL7556BC Datasheet HTML 3Page - Elantec Semiconductor EL7556BC Datasheet HTML 4Page - Elantec Semiconductor EL7556BC Datasheet HTML 5Page - Elantec Semiconductor EL7556BC Datasheet HTML 6Page - Elantec Semiconductor EL7556BC Datasheet HTML 7Page - Elantec Semiconductor EL7556BC Datasheet HTML 8Page - Elantec Semiconductor EL7556BC Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
EL7556BC
Integrated Adjustable 6 Amp Synchronous Switcher
Controller - Doubler
VC2V
Voltage Doubler Output
VDD = 5V, ILOAD = 10mA
7.5
8.1
8.7
V
Controller - Oscillator
FRAMP
Oscillator Ramp Amplitude
1.2
V
IOSC CHG
Oscillator Charge Current
0.2V<VOSC<1.4V
150
µA
IOSC DIS
Oscillator Discharge Current
0.2V<VOSC<1.4V
5
mA
FOSC
Oscillator initial accuracy
100
120
140
kHz
tSYNC
Minimum oscillator sync width
50
ns
Power - FET
ILEAK
LX Output Leakage to VSS
LX = 0V
100
µA
RDSON
Composite FET Resistance
18
30
m
RDSONTC
RDSON Tempco
0.1
m
Ω/ºC
tBRM
FET break before make delay
10
ns
tLEB
High side FET minimum on time (LEB)
140
ns
Electrical Characteristics
VDD = VIN = 5V, COSC = 1nF, CSLOPE = 470pF, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit


Similar Part No. - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7556BCM INTERSIL-EL7556BCM Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556BCM-T13 INTERSIL-EL7556BCM-T13 Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com