Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457 Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7457
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7457 Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7457 Datasheet HTML 1Page - Elantec Semiconductor EL7457 Datasheet HTML 2Page - Elantec Semiconductor EL7457 Datasheet HTML 3Page - Elantec Semiconductor EL7457 Datasheet HTML 4Page - Elantec Semiconductor EL7457 Datasheet HTML 5Page - Elantec Semiconductor EL7457 Datasheet HTML 6Page - Elantec Semiconductor EL7457 Datasheet HTML 7Page - Elantec Semiconductor EL7457 Datasheet HTML 8Page - Elantec Semiconductor EL7457 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1998 Élantec, Inc.
General Description
The EL7457C is an ultra-high speed, non-inverting quad CMOS
driver. It is capable of running at clock rates up to 40MHz and features
2A peak drive capability and a nominal on-resistance of just 3
Ω. The
EL7457C is ideal for driving highly capacitive loads, such as storage
and vertical clocks in CCD applications. It is also well suited to ATE
pin driving, level-shifting and clock-driving applications.
The EL7457C is capable of running from single or dual power sup-
plies while using ground referenced inputs. Each output can be
switched to either the high (VH) or low (VL) supply pins, depending
on the related input pin. The inputs are compatible with both 3V and
5V CMOS and TTL logic. The output enable (OE) pin can be used to
put the outputs into a high-impedance state. This is especially useful in
CCD applications, where the driver should be disabled during power
down.
The EL7457C also features very fast rise and fall times which are
matched to within 1ns. The propagation delay is also matched between
rising and falling edges to within 2ns.
The EL7457C is available in both the 16-Pin QSOP and 16-Pin SOIC
packages. It is specified for operation over the -40°C to +85°C temper-
ature range.
Pin Layout Diagram
VS+
OUTB
OUTA
NC
OUTC
VS-
VH
INA
OE
VL
NC
IND
INC
OUTD
EL7457C
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
GND
INB
Features
• Clocking Speeds Up To 40MHz
• 4 Channels
• 12 ns tr/tf at 1000pF Cload
• 1ns Rise and Fall Time Mismatch
• 1.5ns Prop Delay Mismatch
• Low Quiescent Current, <1mA
• Fast Output Enable Function, 12ns
• Wide Output Voltage Range
• 8V >VL >-5V
• -2V < VH < 15V
• 2A Peak Drive
• 3
Ω On Resistance
• Input Level Shifters
• TTL/CMOS Input Compatible
Applications
• CCD Drivers
• Digital Cameras
• Pin Drivers
• Clock / Line Drivers
• Ultrasound Transducer Drivers
• Ultrasonic and RF Generators
• Level Shifting
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL7457CU
-40°C to +85°C
16-Pin QSOP
MDP0040
EL7457CS
-40°C to +85°C
16-Pin SO
MDP0027
EL7457C
40MHz Non-Inverting Quad CMOS Driver


Similar Part No. - EL7457

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
EL7457CL INTERSIL-EL7457CL Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
EL7457CL-T13 INTERSIL-EL7457CL-T13 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com