Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3184SDV Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD3184SDV
Description  3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3184SDV Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD3184SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 9Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 10Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 11Page - Fairchild Semiconductor FOD3184SDV Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3184 Rev. 1.0.4
8
Typical Performance Curves
Fig. 2 Output High Voltage Drop vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0.00
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
TA – AMBIENT TEMPERATURE (°C)
Fig. 1 Output High Voltage Drop vs. Output High Current
0
0.5
1.0
1.5
2.0
2.5
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.-0
-3.5
IOH – OUTPUT HIGH CURRENT (A)
V
DD = 15V to 30V
V
SS = 0V
I
F = 10mA to 16mA
I
O = -100mA
Fig. 6 Output Low Voltage vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0.00
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
TA – AMBIENT TEMPERATURE (°C)
V
DD = 15V to 30V
V
SS = 0V
V
F = -3V to 0.8V
I
O = -100mA
Fig. 3 Output High Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
8
6
4
2
0
TA – AMBIENT TEMPERATURE (°C)
Frequency = 200Hz
Duty Cycle = 0.2%
I
F = 10mA to 16mA
V
DD = 15V to 30V
Frequency = 200Hz
Duty Cycle = 0.1%
I
F = 10mA to 16mA
V
DD = 15V to 30V
V
SS = 0V
T
A =100°C
T
A = 25°C
T
A = -40°C
Fig. 5 Output Low Voltage vs. Output High Current
0
0.5
1.0
1.5
2.0
2.5
4
3
2
1
0
IOH – OUTPUT HIGH CURRENT (A)
Frequency = 200Hz
Duty Cycle = 99.9%
V
F(off) = 0.8V
V
DD = 15V to 30V
V
SS = 0V
T
A =100°C
T
A = 25°C
T
A = -40°C
V
O = 6V
V
O = 3V
Fig. 4 Output High Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
8
6
4
2
0
TA – AMBIENT TEMPERATURE (°C)
Frequency = 100Hz
Duty Cycle = 0.5%
I
F = 10mA to 16mA
V
DD = 15V to 30V
V
O = 6V
V
O = 3V


Similar Part No. - FOD3184SDV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - FOD3184SDV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com