Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562C Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL7562C
Description  Monolithic 2 Amp DC:DC Step-down Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7562C Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL7562C Datasheet HTML 2Page - Elantec Semiconductor EL7562C Datasheet HTML 3Page - Elantec Semiconductor EL7562C Datasheet HTML 4Page - Elantec Semiconductor EL7562C Datasheet HTML 5Page - Elantec Semiconductor EL7562C Datasheet HTML 6Page - Elantec Semiconductor EL7562C Datasheet HTML 7Page - Elantec Semiconductor EL7562C Datasheet HTML 8Page - Elantec Semiconductor EL7562C Datasheet HTML 9Page - Elantec Semiconductor EL7562C Datasheet HTML 10Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
EL7562C - Preliminary
Monolithic 2 Amp DC:DC Step-down Regulator
Start-up Delay
A capacitor can be added to the EN pin to delay the con-
verter start-up (Figure 2) by utilizing the pull-up current.
The delay time is approximately:
Layout Considerations
The layout is very important for the converter to func-
tion properly. Power Ground ( ) and Signal Ground (---)
should be separated to ensure that the high pulse current
in the Power Ground never interferes with the sensitive
signals connected to Signal Ground. They should only
be connected at one point (normally at the negative side
of either the input or output capacitor.)
The trace connected to pin 14 (FB) is the most sensitive
trace. It needs to be as short as possible and in a “quiet”
place, preferably between PGND or SGND traces.
In addition, the bypass capacitor connected to the VDD
pin needs to be as close to the pin as possible.
The heat of the chip is mainly dissipated through the
PGND pins. Maximizing the copper area around these
pins is preferable. In addition, a solid ground plane is
always helpful for the EMI performance.
The demo board is a good example of layout based on
these principles. Please refer to the EL7562C Applica-
tion Brief for the layout.
td ms
()
1200 C
µF
()
×
=
Figure 2. Start-up Delay
TIME
VO
VIN
td
VOUT
C
2
3
11
10
9
6
7
8
15
14
EL7562C
1
16


Similar Part No. - EL7562C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7562CU INTERSIL-EL7562CU Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562CU INTERSIL-EL7562CU Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562CU RENESAS-EL7562CU Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562CU-T13 INTERSIL-EL7562CU-T13 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562CU-T13 INTERSIL-EL7562CU-T13 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com