Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU2N90 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQU2N90
Description  N-Channel QFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N90 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQU2N90 Datasheet HTML 1Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 2Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 3Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 4Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 5Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 6Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 7Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 8Page - Fairchild Semiconductor FQU2N90 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2014
FQD2N90 / FQU2N90
N-Channel QFET® MOSFET
900 V, 1.7 A, 7.2 Ω
Description
©2009 Fairchild Semiconductor Corporation
FQD2N90 / FQU2N90 Rev. C2
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, active power factor correction (PFC), and
electronic lamp ballasts.
Features
G
D
S
I-PAK
D-PAK
G
S
D
G
S
D
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD2N90TM
FQU2N90TU_WS
FQU2N90TU_AM002
Unit
RJC
Thermal Resistance, Junction to Case, Max.
2.5
oC/W
RJA
Thermal Resistance, Junction to Ambient (minimum pad of 2 oz copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 pad of 2 oz copper), Max.
50
• 1.7 A, 900 V, RDS(on) = 7.2 Ω (Max.) @ VGS = 10 V,
ID = 0.85 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 5.5 pF)
• 100% Avalanche Tested
• RoHS Compliant
*
 * 
())
*
4

0,-261
% &
'
0,%))61
% )7
'
4

8 
 
9 7
'
*
: * 
±;)
*
<
 8 '! <
 
%&)
=
4
'! 
 
% &
'
<
+!'! <
 
2 )
=
!5
8>+ !!5
 
? )
*5
8
80,-261@
- 2
A
80,-261
2)
A
"!-26
) ?
A56
 
+
22B%2)
6

C  
%57 2 
;))
6
Symbol
Parameter
FQD2N90TM
FQU2N90TU_WS
FQU2N90TU_AM002
Unit


Similar Part No. - FQU2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU2N90 FAIRCHILD-FQU2N90 Datasheet
750Kb / 9P
   900V N-Channel MOSFET
FQU2N90 FAIRCHILD-FQU2N90 Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
logo
Inchange Semiconductor ...
FQU2N90 ISC-FQU2N90 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com