Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7571C Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL7571C
Description  Programmable PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7571C Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL7571C Datasheet HTML 3Page - Elantec Semiconductor EL7571C Datasheet HTML 4Page - Elantec Semiconductor EL7571C Datasheet HTML 5Page - Elantec Semiconductor EL7571C Datasheet HTML 6Page - Elantec Semiconductor EL7571C Datasheet HTML 7Page - Elantec Semiconductor EL7571C Datasheet HTML 8Page - Elantec Semiconductor EL7571C Datasheet HTML 9Page - Elantec Semiconductor EL7571C Datasheet HTML 10Page - Elantec Semiconductor EL7571C Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
EL7571C
Programmable PWM Controller
Applications Information
Circuit Description
General
The EL7571C is a fixed frequency, current mode, pulse
width modulated (PWM) controller with an integrated
high precision reference and a 5 bit Digital-to-Analog
Converter (DAC). The device incorporates all the active
circuitry required to implement a synchronous step
down (buck) converter which conforms to the Intel Pen-
tium® II VRM specification. Complementary switching
outputs are provided to drive dual NMOS power FET’s
in either synchronous or non-synchronous configura-
tions, enabling the user to realize a variety of high
efficiency and low cost converters.
Reference
A precision, temperature compensated band gap refer-
ence forms the basis of the EL7571C. The reference is
trimmed during manufacturing and provides 1% set
point accuracy for the overall regulator. AC rejection of
the reference is optimized using an external bypass
capacitor CREF.
Main Loop
A current mode PWM control loop is implemented in
the EL7571C (see block diagram). This configuration
employs dual feedback loops which provide both output
voltage and current feedback to the controller. The
resulting system offers several advantages over traditi-
tional voltage control systems, including simpler loop
design, pulse by pulse current limiting, rapid response to
line variaion and good load step response. Current feed-
back is performed by sensing voltage across an external
shunt resistor. Selection of the shunt resistance value
sets the level of current feedback and thereby the load
regulation and current limit levels. Consequently, opera-
tion over a wide range of output currents is possible. The
reference output is fed to a 5 bit DAC with step weigh-
ing conforming to the Intel VRM Specification. Each
DAC input includes an internal current pull up which
directly interfaces to the VID output of a Pentium® II
class microprocessor. The heart of the controller is a tri-
ple-input direct summing differential comparator, which
sums voltage feedback, current feedback and compen-
sating ramp signals together. The relative gains of the
comparator input stages are weighed. The ratio of volt-
age feedback to current feedback to compensating ramp
defines the load regulation and open loop voltage gain
for the system, respectively. The compensating ramp is
required to maintain large system signal system stability
for PWM duty cycles greater than 50%. Compensation
ramp amplitude is user adjustable and is set with a single
external capacitor (CSLOPE). The ramp voltage is
ground referenced and is reset to ground whenever the
high side drive signal is low. In operation, the DAC out-
put voltage is compared to the regulator output, which
has been internally attenuated. The resulting error volt-
age is compared with the compensating ramp and
current feedback voltage. PWM duty cycle is adjusted
by the comparator output such that the combined com-
parator input sums to zero. A weighted comparator
scheme enhances system operation over traditional volt-
age error amplifier loops by providing cycle-by-cycle
adjustment of the PWM output voltage, eliminating the
need for error amplifier compensation. The dominant
pole in the loop is defined by the output capacitance and
equivalent load resistance, the effect of the output induc-
tor having been canceled due to the current feedback. An
output enable (OUTEN) input allows the regulator out-
put to be disabled by an external logic control signal.
Auxiliary Comparators
The current feedback signal is monitored by two addi-
tional comparators which set the operating limits for the
main inductor current. An over current comparator ter-
minates the PWM cycle independently of the main
summing comparator output whenever the voltage
across the sense resistor exceeds 154mV. For a 7.5m
resistor this corresponds to a nominal 20A current limit.
Since output current is continuously monitored, cycle-
by-cycle current limiting results. A second comparator
senses inductor current reverse flow. The low side drive
signal is terminated when the sense resistor voltage is
less than -5mV, corresponding to a nominal reverse cur-
rent of -0.67A, for a 7.5m
Ω sense resistor. Additionally,
under fault conditions, with the regulator output over-


Similar Part No. - EL7571C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7571CM INTERSIL-EL7571CM Datasheet
310Kb / 19P
   Programmable PWM Controller
logo
Renesas Technology Corp
EL7571CM RENESAS-EL7571CM Datasheet
847Kb / 19P
   Programmable PWM Controller
logo
Intersil Corporation
EL7571CM-T13 INTERSIL-EL7571CM-T13 Datasheet
310Kb / 19P
   Programmable PWM Controller
logo
Renesas Technology Corp
EL7571CM-T13 RENESAS-EL7571CM-T13 Datasheet
847Kb / 19P
   Programmable PWM Controller
logo
Intersil Corporation
EL7571CMZ INTERSIL-EL7571CMZ Datasheet
310Kb / 19P
   Programmable PWM Controller
More results

Similar Description - EL7571C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
   Programmable PWM Controller
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
   Programmable PWM Controller
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
   Programmable PWM DC Motor Driver / Controller
logo
Texas Instruments
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com