Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT560TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT560TC
Description  500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT560TC Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT560TC Datasheet HTML 1Page - Diodes Incorporated FZT560TC Datasheet HTML 2Page - Diodes Incorporated FZT560TC Datasheet HTML 3Page - Diodes Incorporated FZT560TC Datasheet HTML 4Page - Diodes Incorporated FZT560TC Datasheet HTML 5Page - Diodes Incorporated FZT560TC Datasheet HTML 6Page - Diodes Incorporated FZT560TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT560
Document Number DS33140 Rev. 2 - 2
5 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FZT560
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FZT560TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT560 ZETEX-FZT560 Datasheet
41Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT560 DIODES-FZT560 Datasheet
52Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT560 DIODES-FZT560_15 Datasheet
675Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Similar Description - FZT560TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT560 DIODES-FZT560_15 Datasheet
675Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT758 DIODES-FZT758_15 Datasheet
525Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT560TC DIODES-FMMT560TC Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT560 DIODES-FMMT560_15 Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT560Q DIODES-FMMT560Q Datasheet
569Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
FMMT560Q DIODES-FMMT560Q_15 Datasheet
479Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
logo
Zetex Semiconductors
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
   150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
FMMT560 DIODES-FMMT560_16 Datasheet
833Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com