Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F3AA024E-HA Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-F3AA024E-HA
Description  POWER RELAY 1 POLE 5A SLIM TYPE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3AA024E-HA Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-F3AA024E-HA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F3AA024E-HA Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-F3-HA sERIEs
n
CHARACTERIsTIC DATA
0
0.1
0.2
0.3
0.4
0.5
100
90
80
70
60
50
40
30
20
10
0
Coil power (W)
Coil temperature rise
5A carrying current
on contact
3A carrying current
on contact
Non carrying current
on contact
10
20
50
100
200
500
10
5
1
2
0.5
0.2
Maximum Switching Power
Contact Voltage (V)
DC Resistive
AC Resistive
FTR-F3
3
100
80
60
40
20
0
20
40
60
80
100
Nominal voltage multiplying factor (%)
Operate
Release
Distribution of operate and release voltage
FTR-F3AA012E-HA
n=100
100
80
60
40
20
0
4
8
12
16
20
Contact resistance (mΩ)
Distribution of contact resistance
FTR-F3AA012E
n=100
Make
Type
Compliance
Contactrating
UL
UL508
E63614
Flammability:UL94-V0(plastics)
5A,30VDC/277VAC(resistive)
1/10HP,250VAC/125VAC
1/8HP,277VAC
Pilotduty:D300,120VAC/240VAC
CSA
C22.2No.14
LR40304
VDE
0435
5A,250VAC/30VDC85ºC
4A,250VACbreak1AcosØ=0.8,85C
SEMKO
EN61058-1:1992+A1:1993
EN61095:1993+A11
5A,250VAC
40T70
n
sAFETY sTANDARDs
FTR-F3
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
110
100
90
80
70
60
50
40
30
20
10
0
3A
5A
OperatingRange
AmbientTemperature(ºC)
0A
Operating
voltage(hotcoil)
Operating
voltage(coolc
oil)
DC30V τ=15ms
DC30V τ=7ms
AC250V cosφ=0.4
AC125V cosφ=0.4
AC250V/DC30V
FTR-F3-HA
100
50
20
10
5
2
1
6
5
4
3
2
1
0
Contact load current (A)
AC125 V
Life Curve


Similar Part No. - FTR-F3AA024E-HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA024E FUJITSU-FTR-F3AA024E Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA024EHA FUJITSU-FTR-F3AA024EHA Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-F3AA024EHA FUJITSU-FTR-F3AA024EHA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA024EKS FUJITSU-FTR-F3AA024EKS Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-F3AA024EKS FUJITSU-FTR-F3AA024EKS Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results

Similar Description - FTR-F3AA024E-HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com