Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND512R3A2C Datasheet(PDF) 6 Page - Numonyx B.V

Part # NAND512R3A2C
Description  512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND512R3A2C Datasheet(HTML) 6 Page - Numonyx B.V

Back Button NAND512R3A2C Datasheet HTML 2Page - Numonyx B.V NAND512R3A2C Datasheet HTML 3Page - Numonyx B.V NAND512R3A2C Datasheet HTML 4Page - Numonyx B.V NAND512R3A2C Datasheet HTML 5Page - Numonyx B.V NAND512R3A2C Datasheet HTML 6Page - Numonyx B.V NAND512R3A2C Datasheet HTML 7Page - Numonyx B.V NAND512R3A2C Datasheet HTML 8Page - Numonyx B.V NAND512R3A2C Datasheet HTML 9Page - Numonyx B.V NAND512R3A2C Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Description
NAND512-A2C
6/55
1
Description
The NAND flash 528-byte/ 264-word page is a family of non-volatile flash memories that
uses the single level cell (SLC) NAND technology. It is referred to as the small page family.
The NAND512R3A2C, NAND512R4A2C, and NAND512W3A2C have a density of
512 Mbits and operate with either a 1.8 V or 3 V voltage supply. The size of a page is either
528 bytes (512 + 16 spare) or 264 words (256 + 8 spare) depending on whether the device
has a x8 or x16 bus width.
The address lines are multiplexed with the Data Input/Output signals on a multiplexed x8 or
x16 input/output bus. This interface reduces the pin count and makes it possible to migrate
to other densities without changing the footprint.
To extend the lifetime of NAND flash devices it is strongly recommended to implement an
error correction code (ECC). The use of ECC correction allows to achieve up to 100,000
program/erase cycles for each block. A write protect pin is available to give a hardware
protection against program and erase operations.
The devices feature an open-drain Ready/Busy output that can be used to identify if the
program/erase/read (P/E/R) controller is currently active. The use of an open-drain output
allows the ready/busy pins from several memories to be connected to a single pull-up
resistor.
A Copy Back command is available to optimize the management of defective blocks. When
a page program operation fails, the data can be programmed in another page without having
to resend the data to be programmed.
The devices are available in the TSOP48 (12 x 20 mm), VFBGA55 (8 x 10 x 1.05 mm) and
VFBGA63 (9 x 11 x 1.05 mm) packages and in two different versions:
No option (Chip Enable ‘care’, sequential row read enabled): the sequential row read
feature allows to download up to all the pages in a block with one read command and
addressing only the first page to read
With Chip Enable ‘don’t care’ feature. This enables the sharing of the bus between
more active memories that are simultaneously active as Chip Enable transitions during
latency do not stop read operations. Program and erase operations are not interrupted
by Chip Enable transitions.
They also come with the following security features:
OTP (one time programmable) area, which is a restricted access area where sensitive
data/code can be stored permanently. The access sequence and further details about
this feature are subject to an NDA (non disclosure agreement)
Serial number (unique identifier) option, which enables each device to be uniquely
identified. It is subject to an NDA and is, therefore, not described in the datasheet.
For more details about these security features, contact your nearest Numonyx sales office.
For information on how to order these devices refer to Table 25: Ordering information
scheme. Devices are shipped from the factory with block 0 always valid and the memory
content bits, in valid blocks, erased to ’1’.
See Table 2: Product description, for all the devices available in the family.


Similar Part No. - NAND512R3A2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND512R3A2CN1 STMICROELECTRONICS-NAND512R3A2CN1 Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2CN1E STMICROELECTRONICS-NAND512R3A2CN1E Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2CN1F STMICROELECTRONICS-NAND512R3A2CN1F Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results

Similar Description - NAND512R3A2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND01GW3A2B-KGD NUMONYX-NAND01GW3A2B-KGD Datasheet
1Mb / 48P
   Known Good Die, 1 Gbit (x 8/x 16), 528 Byte/264 word page, 3 V, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com