Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND512R3A2C Datasheet(PDF) 1 Page - Numonyx B.V

Part # NAND512R3A2C
Description  512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND512R3A2C Datasheet(HTML) 1 Page - Numonyx B.V

  NAND512R3A2C Datasheet HTML 1Page - Numonyx B.V NAND512R3A2C Datasheet HTML 2Page - Numonyx B.V NAND512R3A2C Datasheet HTML 3Page - Numonyx B.V NAND512R3A2C Datasheet HTML 4Page - Numonyx B.V NAND512R3A2C Datasheet HTML 5Page - Numonyx B.V NAND512R3A2C Datasheet HTML 6Page - Numonyx B.V NAND512R3A2C Datasheet HTML 7Page - Numonyx B.V NAND512R3A2C Datasheet HTML 8Page - Numonyx B.V NAND512R3A2C Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
June 2009
Rev 5
1/55
1
NAND512R3A2C
NAND512R4A2C NAND512W3A2C
512-Mbit, 528-byte/264-word page,
1.8 V/3 V, SLC NAND flash memories
Features
High density NAND flash memories
– 512-Mbit memory array
– Cost effective solutions for mass storage
applications
NAND interface
– x8 or x16 bus width
– Multiplexed address/ data
Supply voltage: 1.8 V, 3 V
Page size
– x8 device: (512 + 16 spare) bytes
– x16 device: (256 + 8 spare) words
Block size
– x8 device: (16K + 512 spare) bytes
– x16 device: (8K + 256 spare) words
Page read/program
– Random access:
12 µs (3 V)/15 µs (1.8 V) (max)
– Sequential access:
30 ns (3 V)/50 ns (1.8 V) (min)
– Page program time: 200 µs (typ)
Copy back program mode
Fast block erase: 2 ms (typ)
Status register
Electronic signature
Chip Enable ‘don’t care’
Security features
–OTP area
– Serial number (unique ID) option
Hardware data protection
– Program/erase locked during power
transitions
Data integrity
– 100,000 program/erase cycles (with ECC)
– 10 years data retention
RoHS compliant packages
Development tools
– Error correction code models
– Bad blocks management and wear leveling
algorithms
– Hardware simulation models
FBGA
TSOP48 12 x 20 mm (N)
VFBGA55 8 x 10 x 1.05 mm (ZD)
VFBGA63 9 x 11 x 1.05 mm (ZA)
Table 1.
Device summary
Reference
Root part number
NAND512-A2C
NAND512R3A2C
NAND512R4A2C
NAND512W3A2C
www.numonyx.com


Similar Part No. - NAND512R3A2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND512R3A2CN1 STMICROELECTRONICS-NAND512R3A2CN1 Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2CN1E STMICROELECTRONICS-NAND512R3A2CN1E Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2CN1F STMICROELECTRONICS-NAND512R3A2CN1F Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results

Similar Description - NAND512R3A2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND01GW3A2B-KGD NUMONYX-NAND01GW3A2B-KGD Datasheet
1Mb / 48P
   Known Good Die, 1 Gbit (x 8/x 16), 528 Byte/264 word page, 3 V, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com