Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP360SNAET1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP360SNAET1G
Description  USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP360SNAET1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP360SNAET1G Datasheet HTML 1Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 2Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 3Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 4Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 5Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 6Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 7Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 8Page - ON Semiconductor NCP360SNAET1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 10
1
Publication Order Number:
NCP360/D
NCP360, NCV360
USB Positive Overvoltage
Protection Controller with
Internal PMOS FET and
Status FLAG
The NCP360 disconnects systems at its output when wrong VBUS
operating conditions are detected at its input. The system is positive
overvoltage protected up to +20 V.
Thanks to an integrated PMOS FET, no external device is
necessary, reducing the system cost and the PCB area of the
application board.
The NCP360 is able to instantaneously disconnect the output from
the input if the input voltage exceeds the overvoltage threshold
(OVLO).
The NCP360 provides a negative going flag (FLAG) output, which
alerts the system that a fault has occurred.
In addition, the device has ESD−protected input (15 kV Air) when
bypassed with a 1
mF or larger capacitor.
Features
Very Fast Protection, Up to 20 V, with 25 mA Current Consumption
On−chip PMOS Transistor
Overvoltage Lockout (OVLO)
Undervoltage Lockout (UVLO)
Alert FLAG Output
EN Enable Pin
Thermal Shutdown
Compliance to IEC61000−4−2 (Level 4)
8 kV (Contact)
15 kV (Air)
ESD Ratings: Machine Model = B
ESD Ratings: Human Body Model = 2
6 Lead UDFN 2x2 mm Package
5 Lead TSOP 3x3 mm Package
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
USB Devices
Mobile Phones
Peripheral
Personal Digital Applications
MP3 Players
UDFN6
MU SUFFIX
CASE 517AB
http://onsemi.com
MARKING
DIAGRAMS
Q
xx M
G
1
1
5
1
xxxAYWG
G
A = Assembly Location
Y = Year
W = Work Week
G = Pb−Free Package
TSOP−5
SN SUFFIX
CASE 483
M = Date Code
G = Pb−Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering, marking and shipping information in the
package dimensions section on page 11 of this data sheet.


Similar Part No. - NCP360SNAET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP360SNT1G ONSEMI-NCP360SNT1G Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP360SNT3G ONSEMI-NCP360SNT3G Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
More results

Similar Description - NCP360SNAET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com