Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRC100 Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRC100
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC100 Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRC100 Datasheet HTML 1Page - NIC-Components Corp. NRC100 Datasheet HTML 2Page - NIC-Components Corp. NRC100 Datasheet HTML 3Page - NIC-Components Corp. NRC100 Datasheet HTML 4Page - NIC-Components Corp. NRC100 Datasheet HTML 5Page - NIC-Components Corp. NRC100 Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
TAPING SPECIFICATIONS
(1) Availability
Thick Film Chip Resistors
NRC Series
Type
Power
Rating
EIA
Size
Carrier Tape
Qty per 7" Reel
Qty per 10"
Reel
Fig.
Material
Width (mm)
NRC01
1/32W
01005
A
Paper
8
20,000
N/A
NRC02
1/20W
0201
A
Paper
8
10,000
N/A
NRC04
1/16W
0402
A
Paper
8
10,000
N/A
NRC06
1/10W
0603
A
Paper
8
5,000
10,000
NRC10
1/8W
0805
A
Paper
8
5,000
10,000
NRC12
1/4W
1206
A
Paper
8
5,000
10.000
NRC25
1/3W
1210
B
Plastic
12
4,000
N/A
NRC04ZO
Jumper
0402
A
Paper
8
10,000
N/A
NRC06ZO
Jumper
0603
A
Paper
8
5,000
10,000
NRC10ZO
Jumper
0805
A
Paper
8
5,000
10,000
NRC12ZO
Jumper
1206
A
Paper
8
5,000
10.000
NRC25ZO
Jumper
1210
B
Plastic
12
4,000
N/A
STANDARD E-12, E-24, E-96 VALUES AND 0603 1% TOLERANCE RESISTANCE CODES
Note: 0603 1% resistor values that are exclusive to E-12 or E-24 (ex. 12K) are marked with the three character 5% tolerance code
MULTIPLIER CODE
Resistance Code
XX
CODING FORMULA
Multiplier Code
X
MARKING EXAMPLES
10
Ω = 01X
7.5k
Ω = 85B or 85b
150k
Ω = 18D or 18d
1 Meg
Ω = 01E
0603 1% E-12/E-24 Values
160
Ω = 161
12K
Ω = 123
8.2M
Ω = 825
Example: 10.2k
Ω = 102 x 102 Ω = 02C
33.2
Ω = 332 x 10-1 = 51X
02
C
51
X
E-12
E-24
E-96
Value
Value
Value Code
Value Code
Value Code
Value Code
10
100
100
01
102
02
105
03
107
04
12
110
110
05
113
06
115
07
118
08
15
120
121
09
124
10
127
11
130
12
18
130
133
13
137
14
140
15
143
16
22
150
147
17
150
18
154
19
158
20
27
160
162
21
165
22
169
23
174
24
33
180
178
25
182
26
187
27
191
28
39
200
196
29
200
30
205
31
210
32
47
220
215
33
221
34
226
35
232
36
56
240
237
37
243
38
249
39
255
40
68
270
261
41
267
42
274
43
280
44
82
300
287
45
294
46
301
47
309
48
91
330
316
49
324
50
332
51
340
52
360
348
53
357
54
365
55
374
56
390
383
57
392
58
402
59
412
60
430
422
61
432
62
442
63
453
64
470
464
65
475
66
487
67
499
68
510
511
69
523
70
536
71
549
72
560
562
73
576
74
590
75
604
76
620
619
77
634
78
649
79
665
80
680
681
81
698
82
715
83
732
84
750
750
85
768
86
787
87
806
88
820
825
89
845
90
866
91
887
92
910
909
93
931
94
953
95
976
96
Code
A B,b C D,d E
F
G
H
X
Y
Z
Multiplier 100 101 102 103 104 105 106 107 10-1 10-2 10-3


Similar Part No. - NRC100

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC100 NIC-NRC100 Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100 NIC-NRC100 Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100 NIC-NRC100 Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100 NIC-NRC100 Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100 NIC-NRC100 Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com