Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZICM357SP0-1C-R Datasheet(PDF) 6 Page - California Eastern Labs

Part # ZICM357SP0-1C-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1C-R Datasheet(HTML) 6 Page - California Eastern Labs

Back Button ZICM357SP0-1C-R Datasheet HTML 2Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
EM357 Mini Modules
Page 6
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
ABSOLUTE MAXIMUM RATINGS
Description
MeshConnect ZICM357SPx Module
Unit
Min
Max
Power Supply Voltage (VDD)
-0.3
3.6
VDC
Voltage on any I/O Line
-0.3
VDD + 0.3
VDC
RF Input Power
ZICM357SP0
ZICM357SP2
+15
+5
dBm
Storage Temperature Range
-40
125
°C
Reflow Soldering Temperature
260
°C
Note: Exceeding the maximum ratings may cause permanent damage to the module or devices.
RECOMMENDED (OPERATING CONDITIONS)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
Power Supply Voltage (VDD)
2.1
3.3
3.6
VDC
Input Frequency
2405
2480
MHz
Ambient Temperature Range
-40
25
85
°C
DC CHARACTERISTICS (@ 25⁰ C, VDD = 3.3V, ZICM357SP0TX Power Mode 1, ZICM357SP2TX Power Mode 2)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
Transmit Mode Current @ 8dBm
ZICM357SP0
44
mA
Transmit Mode Current @ 0dBm
31
mA
Receive Mode Current
30
mA
Transmit Mode Current @ 20dBm
ZICM357SP2
150
mA
Transmit Mode Current @ 0dBm
58
mA
Receive Mode Current
34
mA
Sleep Mode Current
1
µA
RF CHARACTERISTICS (@ 25⁰ C, VDD = 3.3V, ZICM357SP0TX Power Mode 1, ZICM357SP2TX Power Mode 2)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
General Characteristics
RF Frequency Range
2405
2480
MHz
RF Channels
11
26
Frequency Error Tolerance
-96.2
96.2
kHz
Transmitter
Maximum Output Power
ZICM357SP0
8
dBm
Minimum Output Power
-40
dBm
Offset Error Vector Magnitude
5
35
%
Maximum Output Power
(using Power Mode 2, Power Setting -2)
ZICM357SP2
20
21
dBm
Minimum Output Power
-40
dBm
Offset Error Vector Magnitude
5
35
%
Receiver
Sensitivity (1% PER, boost mode)
ZICM357SP0
-100
-94
dBm
Saturation (maximum input level)
0
dBm
Sensitivity (1% PER, normal mode)
ZICM357SP2
-103
-97
dBm
Saturation (maximum input level)
-10
dBm
Note: For the ZICM357SP2 Module, Power Mode 2 with Power Setting -2 is the maximum setting allowed for FCC
Compliance. Operating in Power Mode 3 at higher power settings may damage the PA.


Similar Part No. - ZICM357SP0-1C-R

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM357P2-1 CEL-ZICM357P2-1 Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
ZICM357P2-1C CEL-ZICM357P2-1C Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
ZICM357P2-KIT1-1 CEL-ZICM357P2-KIT1-1 Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
More results

Similar Description - ZICM357SP0-1C-R

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Silicon Laboratories
EM35X SILABS-EM35X Datasheet
3Mb / 43P
   EM35x Development Kit
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com