Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZICM-EM35X-DEV-KIT-2 Datasheet(PDF) 10 Page - California Eastern Labs

Part # ZICM-EM35X-DEV-KIT-2
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM-EM35X-DEV-KIT-2 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button ZICM-EM35X-DEV-KIT-2 Datasheet HTML 6Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 7Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 8Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 9Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 10Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 11Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 12Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 13Page - California Eastern Labs ZICM-EM35X-DEV-KIT-2 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EM357 Mini Modules
Page 10
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
MODULE LAND FOOTPRINT
Note: Refer to the Antenna Section in this document for layout recommendations which will yield optimal antenna performance.
Dimensions are shown in inches, with millimeter conversions in brackets.


Similar Part No. - ZICM-EM35X-DEV-KIT-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM2410P0-1 CEL-ZICM2410P0-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1-SN CEL-ZICM2410P0-1-SN Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1C CEL-ZICM2410P0-1C Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1C-SN CEL-ZICM2410P0-1C-SN Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
More results

Similar Description - ZICM-EM35X-DEV-KIT-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Silicon Laboratories
EM35X SILABS-EM35X Datasheet
3Mb / 43P
   EM35x Development Kit
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com