Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1150LLHLX-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1150LLHLX-T
Description  Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1150LLHLX-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1150LLHLX-T Datasheet HTML 1Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 2Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 3Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 4Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1150LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Chopper-Stabilized, Two Wire
Hall-Effect Switches
A1150, A1152, A1153, A1155,
A1156, A1157, and A1158
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
NC
1
2
3
1
3
2
All family members are offered in two package styles. The LH is a
SOT-23W style, miniature, low profile package for surface-mount
applications. The UA is a 3-pin, ultra-mini, single inline package
(SIP) for through-hole mounting. Both packages are lead (Pb) free,
with 100% matte tin leadframe plating.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Magnetic Flux Density
B
Unlimited
G
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Selection Guide
Part
Number
Packing1
Package
Output (ICC) in
South Polarity
Field
Supply Current
at ICC(L)
(mA)
Magnetic Operate
Point, BOP
(G)
A1150LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
Low
2 to 5
50 to 110
A1150LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1152LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
Low
5 to 6.9
A1152LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1153LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
High
A1153LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1155LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
Low
5 to 6.9
20 to 60
A1155LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1156LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
High
A1156LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1157LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
Low
2 to 5
20 to 80
A1157LLHLT-T 7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
A1157LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
A1158LLHLX-T 13-in. reel, 10 000 pieces/reel
3-pin SOT23W surface mount
High
A1158LLHLT-T 7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
A1158LUA-T2
Bulk, 500 pieces/bag
3-pin SIP through hole
1Contact Allegrofor additional packing options.
2Contact factory for availability.
Pin-out Diagrams
LH Package
UA Package
Terminal List Table
Number
Name
Function
LH package
UA package
1
VCC
VCC
Input power supply
2
NC
GND
LH package: no connection
UA package: ground terminal
3
GND
GND
Ground terminal


Similar Part No. - A1150LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150LLHLX-T ALLEGRO-A1150LLHLX-T Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1150LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com