Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8502KLPTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8502KLPTR-T
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8502KLPTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8502KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems A8502KLPTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8502
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Oscillator Frequency
Oscillator Frequency
fSW
RFSET = 10 kΩ
1.8
2
2.2
MHz
RFSET = 20 kΩ
0.9
1
1.1
MHz
RFSET = 35.6 kΩ
520
580
640
kHz
FSET/SYNC Pin Voltage
VFSET
RFSET = 10 kΩ−
1.00
V
FSET Frequency Range
fFSET
580
2500
kHz
Synchronization
Synchronized PWM Frequency
fSWSYNC
580
2300
kHz
Synchronization Input
Minimum Off-Time
tPWSYNCOFF
150
−−
ns
Synchronization Input
Minimum On-Time
tPWSYNCON
150
−−
ns
SYNC Input Logic Voltage
V
SYNC(H)
FSET/SYNC pin, high level
−−
0.4
V
V
SYNC(L)
FSET/SYNC pin, low level
2.0
−−
V
LED Current Sinks
LEDx Accuracy
ErrLED
ISET = 120 μA
−−
2%
LEDx Matching
ΔLEDx
ISET = 120 μA
−−
1%
LEDx Regulation Voltage
VLED
VLED1 = VLED2, ISET = 120 μA
620
720
820
mV
ISET to ILEDx Current Gain
AISET
ISET = 120 μA
960
980
1000
A/A
ISET Pin Voltage
VISET
0.988
1.003
1.018
V
Allowable ISET Current
ISET
40
120
μA
VLED Short Detect
VLEDSC
While LED sinks are in regulation, sensed
from LEDx pin to ground
4.6
5.1
5.6
V
Soft Start LEDx Current
ILEDSS
Current through each enabled LEDx pin
during soft start
3.2
mA
Maximum PWM Dimming
Until Off-Time2
tPWML
Measured while PWM/EN = low, during
dimming control and internal references
are powered-on (exceeding tPWML results in
shutdown)
32,750
fSW
cycles
Minimum PWM On-Time
tPWMH
First cycle when powering-up device
0.75
2
μs
PWM High to LED-On Delay
tdPWM(on)
Time between PWM enable and LED current
reaching 90% of maximum
0.5
1
μs
PWM Low to LED-Off Delay
tdPWM(off)
Time between PWM enable going low and
LED current reaching 10% of maximum
360
500
ns
ELECTRICAL CHARACTERISTICS1,2 (continued) Valid at VIN = 16 V, TA = 25°C,
indicates specifications guaranteed by design
and characterization over the full operating temperature range with TA = TJ = –40°C to 125°C; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Continued on the next page…


Similar Part No. - A8502KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
More results

Similar Description - A8502KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com