Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1155LLHLX-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1155LLHLX-T
Description  Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1155LLHLX-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1155LLHLX-T Datasheet HTML 2Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 3Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 4Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems A1155LLHLX-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ambient Temperature, TA (°C)
30
25
20
15
10
5
Ambient Temperature, TA (°C)
-60
-40
-20
0
20
40
60
80
100
140
120
160
VCC = 3.0 V
VCC = 24 V
Average Switchpoint Hysteresis versus Temperature
A1150/A1152/A1153/A1155/A1156/A1157/A1158
VCC = 3.0 V
VCC = 24 V
Ambient Temperature, TA (°C)
-60
-40
-20
0
20
40
60
80
100
140
120
160
30
25
20
15
10
5
Ambient Temperature, TA (°C)
-60
-40
-20
0
20
40
60
80
100
140
120
160
Average Switchpoint Hysteresis versus Temperature
A1150/A1152/A1153/A1155/A1156/A1157/A1158
VCC = 3.0 V
VCC = 24 V
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
55
50
45
40
35
30
25
20
15
10
Average Release Point versus Temperature
A1155/A1156
VCC = 3.0 V
VCC = 24 V
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
105
95
85
75
65
55
45
Average Release Point versus Temperature
A1150/A1152/A1153
VCC = 3.0 V
VCC = 24 V
60
55
50
45
40
35
30
25
20
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
Average Operate Point versus Temperature
A1155/A1156
VCC = 3.0 V
VCC = 24 V
110
100
90
80
70
60
50
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
Average Operate Point versus Temperature
A1150/A1152/A1153
Chopper-Stabilized, Two Wire
Hall-Effect Switches
A1150, A1152, A1153, A1155,
A1156, A1157, and A1158
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1155LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1155LLHLX-T ALLEGRO-A1155LLHLX-T Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1155LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com