Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM2S-A-C20 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # ABM2S-A-C20
Description  Tak-Ty Hook Loop Cable Tie Mounts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ABM2S-A-C20 Datasheet(HTML) 1 Page - PANDUIT CORP.

  ABM2S-A-C20 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Tak-Ty® Hook & Loop Cable Tie Mounts
• For use with TTS Tak-Tapeand HLT/HLS Tak-Ty®
Hook & Loop Cable Ties
• Unique cradle design provides maximum stability for
cable bundle
• For indoor use only
• Dimensions: 1.10"L x 1.10"W x .34"H
(27.9mm x 27.9mm x 8.6mm)
*Maximum static load for adhesive backed mounts is .38 lbs. (174g).
**Flame retardant products are manufactured from a material that is rated UL 94V-0.
4-Way Adhesive Backed Cable Tie Mounts
• Allow cable tie entry from all four sides
• Available in multiple sizes to match application
load requirements
• Produced 2-up and with tear tabs for fast and easy liner
removal to speed installation
• Rubber-based adhesive provides a strong and
reliable bond
• For indoor use only
Part Number
Material
Color
Mounting Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
ABMT-A-C*
Nylon 6.6
Natural
Rubber
100
1000
ABMT-A-C20*
Black
100
1000
ABMT-S6-C
Nylon 6.6
Natural
#6 (M3) Screw
100
1000
ABMT-S6-C20
Black
100
1000
ABMT-S6-C60**
Flame Retardant
Nylon 6.6
Black
100
1000
ABMT-S6-C69**
Natural
100
1000
Part Number
Used With
Cable Ties
Length
Width
Material
Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
ABM1M-A-C
M
.50
12.7
.50
12.7
Nylon 6.6
White
100
500
ABMM-A-C
M, I
.75
19.1
.75
19.1
ABS
White
100
500
ABMM-A-C20
M, I
.75
19.1
.75
19.1
Black
100
500
ABM2S-A-C
M, I, S
1.00
25.4
1.00
25.4
White
100
500
ABM2S-A-C14
M, I, S
1.00
25.4
1.00
25.4
Gray
100
500
ABM2S-A-C15
M, I, S
1.00
25.4
1.00
25.4
Ivory
100
500
ABM2S-A-C20
M, I, S
1.00
25.4
1.00
25.4
Black
100
500
ABM100-A-C
M, I, S
1.00
25.4
1.00
25.4
Nylon 6.6
White
100
1000
ABM100-A-C15
M, I, S
1.00
25.4
1.00
25.4
Ivory
100
1000
ABM100-A-D20
M, I, S
1.00
25.4
1.00
25.4
Black
500
5000
ABM112-A-C
M, I, S
1.12
28.6
1.12
28.6
White
100
500
ABM112-A-D20
M, I, S
1.12
28.6
1.12
28.6
Black
500
5000
ABM3H-A-L
M, I, S, HS, LH,
H, HLM
1.50
38.1
1.50
38.1
White
50
500
ABM3H-A-L20
1.50
38.1
1.50
38.1
Black
50
500
ABM4H-A-L
2.00
50.8
2.00
50.8
White
50
500
Cable Tie Cross Sections: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard,
LH = Light-Heavy, H = Heavy, HLM = Miniature Tak-Ty® Hook & Loop Cable Ties.


Similar Part No. - ABM2S-A-C20

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ABM2S-A-C PANDUIT-ABM2S-A-C Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
ABM2S-A-C PANDUIT-ABM2S-A-C Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
More results

Similar Description - ABM2S-A-C20

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
   TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
PANDUIT CORP.
PL3B5EH-C0 PANDUIT-PL3B5EH-C0 Datasheet
132Kb / 1P
   Pan-Ty Triple Loop Cable Tie ?밯eather Resistant Nylon 6.6
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
   PAN-TY CABLE TIE PLT SERIES
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
   PAN-TY CABLE TIE - PLT SERIES
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
HLS-15R PANDUIT-HLS-15R Datasheet
58Kb / 1P
   TAK-TY CONTINUOUS 15FT, ROLL HLS SERIES
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
TM1A-C PANDUIT-TM1A-C Datasheet
73Kb / 1P
   Tie Mounts - Applied with User Supplied Adhesives
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com