Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1158LLHLX-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1158LLHLX-T
Description  Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1158LLHLX-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1158LLHLX-T Datasheet HTML 1Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 2Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 3Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 4Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1158LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The A1150, A1152, A1153, A1155, A1156, A1157, and A1158
comprise a family of two-wire, unipolar, Hall-effect switches,
which are factory-trimmed to optimize magnetic switchpoint
accuracy.ThesedevicesareproducedontheAllegro™advanced
BiCMOS wafer fabrication process, which implements
a patented high frequency, 4-phase, chopper-stabilization
technique. This technique achieves magnetic stability over
the full operating temperature range, and eliminates offsets
inherent in devices with a single Hall element that are exposed
to harsh application environments.
The A115x family has a number of automotive applications.
These include sensing seat track position, seat belt buckle
presence, hood/trunk latching, and shift selector position.
Two-wire unipolar switches are particularly advantageous in
cost-sensitive applications because they require one less wire
for operation versus the more traditional open-collector output
switches. Additionally, the system designer inherently gains
diagnostics because there is always output current flowing,
which should be in either of two narrow ranges. Any current
level not within these ranges indicates a fault condition.
A1152-DS, Rev. 5
Features and Benefits
▪ High speed, 4-phase chopper stabilization
▪ Low switchpoint drift throughout temperature range
▪ Low sensitivity to thermal and mechanical stresses
▪ On-chip protection
▫ Supply transient protection
▫ Reverse battery protection
▫ On-board voltage regulator
▫ 3.0 to 24 V operation
▪ Solid-state reliability
▪ Robust EMC and ESD performance
▪ Industry leading ISO 7637-2 performance through use of
proprietary, 40-V clamping structures
Chopper-Stabilized, Two Wire Hall-Effect Switches
Continued on the next page…
Functional Block Diagram
A1150, A1152, A1153, A1155, A1156, A1157, and A1158
Packages
Approximate footprint
3-pin SOT23-W
2 mm × 3 mm × 1 mm
(suffix LH)
3-pin ultramini SIP
1.5 mm × 4 mm × 3 mm
(suffix UA)
Amp
Regula
To all subcircuits
tor
Schmitt
Trigger
Polarity
Low-Pass
Filter
GND
VCC
GND
UA package only
0.01 μF
V+
Clock/Logic


Similar Part No. - A1158LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1158LLHLX-T ALLEGRO-A1158LLHLX-T Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1158LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com