Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH0101 Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # ELH0101
Description  Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

ELH0101 Datasheet(HTML) 1 Page - Elantec Semiconductor

  ELH0101 Datasheet HTML 1Page - Elantec Semiconductor ELH0101 Datasheet HTML 2Page - Elantec Semiconductor ELH0101 Datasheet HTML 3Page - Elantec Semiconductor ELH0101 Datasheet HTML 4Page - Elantec Semiconductor ELH0101 Datasheet HTML 5Page - Elantec Semiconductor ELH0101 Datasheet HTML 6Page - Elantec Semiconductor ELH0101 Datasheet HTML 7Page - Elantec Semiconductor ELH0101 Datasheet HTML 8Page - Elantec Semiconductor ELH0101 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ELH010188385089012YX
Power Operational Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation Patent pending
1985 Elantec Inc
Features
 5A peak 2A continuous output
current
 10 V ms slew rate
 300 kHz power bandwidth
 850 mW standby power (g15V
supplies)
 300 pA input bias current
 Virtually no crossover distortion
 2 ms settling time to 001%
 5 MHz gain bandwidth
 MIL-STD-883 devices 100%
manufactured in USA
Ordering Information
Part No
Temp Range Package Outline
ELH0101AK883B b55 Cto a125 C
TO-3
MDP0003
ELH0101K883B
b
55 Cto a125 C
TO-3
MDP0003
8508901YX and 8508902YX are the SMD
versions of this device
Connection Diagram
0101 – 1
Top View
Note Electrically connected internally
No connection should be made to pin
General Description
The ELH0101 is a wideband power operational amplifier featur-
ing FET inputs internal compensation virtually no crossover
distortion and rapid settling time These features make the
ELH0101 an ideal choice for DC or AC servo amplifiers deflec-
tion yoke drivers programmable power supplies and disk head
positioner amplifiers
Elantec facilities comply with MIL-I-45208A and other applica-
ble quality specifications Elantec’s Military devices are 100%
fabricated and assembled in our rigidly controlled ultra-clean
facilities in Milpitas California For additional information on
Elantec’s Quality and Reliability Assurance policy and proce-
dures request brochure QRA-1
Equivalent Schematic
0101 – 2


Similar Part No. - ELH0101

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH0002H ELANTEC-ELH0002H Datasheet
190Kb / 8P
   Current Amplifier
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
ELH0032G ELANTEC-ELH0032G Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0032G/883B ELANTEC-ELH0032G/883B Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
More results

Similar Description - ELH0101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com