Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1CM101 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA1CM101
Description  Aluminum Electrolytic Capacitors/M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CM101 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA1CM101 Datasheet HTML 1Page - Panasonic Semiconductor ECA1CM101 Datasheet HTML 2Page - Panasonic Semiconductor ECA1CM101 Datasheet HTML 3Page - Panasonic Semiconductor ECA1CM101 Datasheet HTML 4Page - Panasonic Semiconductor ECA1CM101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors/M
¾ EE102 ¾
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
160
250
350
n
Standard Products
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm,
i=2.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 85°C 2000h
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
iB
ii
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQÕ ty
Taping
Taping
Ripple
current
(120Hz)
(+85°C)
Lead Length
Straight
Leads
33
8
11.5
145
0.10
0.6
3.5
5.0
ECA2AM330( )
200
1000
47
8
11.5
180
0.10
0.6
3.5
5.0
ECA2AM470( )
200
1000
100
10
16
350
0.10
0.6
5.0
5.0
ECA2AM101( )
200
500
100
220
12.5 20
550
0.10
0.6
5.0
5.0
ECA2AM221( )
200
500
330
12.5 25
700
0.10
0.6
5.0
5.0
ECA2AM331( )
200
500
470
16
25
900
0.10
0.8
7.5
7.5
ECA2AM471( )
100
250
1000
18
35.5
1300
0.10
0.8
7.5
ECA2AM102
50
1
6.3 11.2
36
0.16
0.5
2.5
5.0
2.5
ECA2CM010( )
200
2000
2.2
6.3 11.2
53
0.16
0.5
2.5
5.0
2.5
ECA2CM2R2( )
200
2000
3.3
6.3 11.2
66
0.16
0.5
2.5
5.0
2.5
ECA2CM3R3( )
200
2000
4.7
6.3 11.2
78
0.16
0.5
2.5
5.0
2.5
ECA2CM4R7( )
200
2000
10
10
12.5
105
0.16
0.6
5.0
5.0
ECA2CM100( )
200
500
22
10
16
175
0.16
0.6
5.0
5.0
ECA2CM220( )
200
500
33
10
20
235
0.16
0.6
5.0
5.0
ECA2CM330( )
200
500
47
12.5 20
320
0.16
0.6
5.0
5.0
ECA2CM470( )
200
500
100
12.5 25
515
0.16
0.6
5.0
5.0
ECA2CM101( )
200
500
220
16
31.5
830
0.16
0.8
7.5
ECA2CM221
100
330
18
31.5
1090
0.16
0.8
7.5
ECA2CM331
50
470
18
40
1440
0.16
0.8
7.5
ECA2CM471
50
1
6.3 11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2DM010( )
200
2000
2.2
6.3 11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2DM2R2( )
200
2000
3.3
6.3 11.2
62
0.18
0.5
2.5
5.0
2.5
ECA2DM3R3( )
200
2000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2DM4R7( )
200
1000
10
10
12.5
100
0.18
0.6
5.0
5.0
ECA2DM100( )
200
500
200
22
10
20
180
0.18
0.6
5.0
5.0
ECA2DM220( )
200
500
33
10
20
220
0.18
0.6
5.0
5.0
ECA2DM330( )
200
500
47
12.5 20
300
0.18
0.6
5.0
5.0
ECA2DM470( )
200
500
100
16
25
475
0.18
0.8
7.5
7.5
ECA2DM101( )
100
250
220
18
31.5
835
0.18
0.8
7.5
ECA2DM221
50
330
18
40
1140
0.18
0.8
7.5
ECA2DM331
50
1
6.3 11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2EM010( )
200
2000
2.2
6.3 11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2EM2R2( )
200
2000
3.3
8
11.5
72
0.18
0.6
3.5
5.0
ECA2EM3R3( )
200
1000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2EM4R7( )
200
1000
10
10
16
110
0.18
0.6
5.0
5.0
ECA2EM100( )
200
500
22
10
20
180
0.18
0.6
5.0
5.0
ECA2EM220( )
200
500
33
12.5 20
250
0.18
0.6
5.0
5.0
ECA2EM330( )
200
500
47
12.5 25
330
0.18
0.6
5.0
5.0
ECA2EM470( )
200
500
100
16
31.5
530
0.18
0.8
7.5
ECA2EM101
100
220
18
40
930
0.18
0.8
7.5
ECA2EM221
50
1
6.3 11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2VM010( )
200
2000
2.2
8
11.5
55
0.20
0.6
3.5
5.0
ECA2VM2R2( )
200
1000
tan d
(120Hz)
(+20°C)


Similar Part No. - ECA1CM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CM101 PANASONIC-ECA1CM101 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1CM101 PANASONIC-ECA1CM101 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1CM101 PANASONIC-ECA1CM101 Datasheet
86Kb / 5P
   Radial Lead Type
ECA1CM101 PANASONIC-ECA1CM101 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1CM101 PANASONIC-ECA1CM101 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1CM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com