Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1EM101 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECA1EM101
Description  Aluminum Electrolytic Capacitors/M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1EM101 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECA1EM101 Datasheet HTML 1Page - Panasonic Semiconductor ECA1EM101 Datasheet HTML 2Page - Panasonic Semiconductor ECA1EM101 Datasheet HTML 3Page - Panasonic Semiconductor ECA1EM101 Datasheet HTML 4Page - Panasonic Semiconductor ECA1EM101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminum Electrolytic Capacitors/M
¾ EE100 ¾
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
n
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
tan d
(120Hz)
(+20°C)
6.3
10
25
iB
ii
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQÕ ty
Standard Products
Taping
Taping
Ripple
current
(120Hz)
(+85°C)
Lead Length
Straight
Leads
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm,
i=2.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 85°C 2000h
220
5
11
240
0.28
0.5
2.0
5.0
2.5
ECA0JM221( )
200
2000
470
6.3 11.2
380
0.28
0.5
2.5
5.0
2.5
ECA0JM471( )
200
2000
1000
8
11.5
580
0.28
0.6
3.5
5.0
ECA0JM102( )
200
1000
2200
10
16
890
0.30
0.6
5.0
5.0
ECA0JM222( )
200
500
3300
10
20
1020
0.32
0.6
5.0
5.0
ECA0JM332( )
200
500
4700
12.5 20
1170
0.34
0.6
5.0
5.0
ECA0JM472( )
200
500
6800
12.5 25
1270
0.38
0.6
5.0
5.0
ECA0JM682( )
200
500
10000
16
25
1450
0.46
0.8
7.5
7.5
ECA0JM103( )
100
250
15000
16
31.5
1700
0.56
0.8
7.5
ECA0JM153
100
22000
18
35.5
1900
0.70
0.8
7.5
ECA0JM223
50
330
6.3 11.2
330
0.24
0.5
2.5
5.0
2.5
ECA1AM331( )
200
2000
1000
10
12.5
630
0.24
0.6
5.0
5.0
ECA1AM102( )
200
500
2200
10
20
920
0.26
0.6
5.0
5.0
ECA1AM222( )
200
500
3300
12.5 20
1090
0.28
0.6
5.0
5.0
ECA1AM332( )
200
500
4700
12.5 25
1200
0.30
0.6
5.0
5.0
ECA1AM472( )
200
500
6800
16
25
1400
0.34
0.8
7.5
7.5
ECA1AM682( )
100
250
10000
16
31.5
1600
0.42
0.8
7.5
ECA1AM103
100
15000
18
35.5
1850
0.52
0.8
7.5
ECA1AM153
50
10
5
11
30
0.20
0.5
2.0
5.0
2.5
ECA1CM100( )
200
2000
22
5
11
75
0.20
0.5
2.0
5.0
2.5
ECA1CM220( )
200
2000
33
5
11
110
0.20
0.5
2.0
5.0
2.5
ECA1CM330( )
200
2000
47
5
11
130
0.20
0.5
2.0
5.0
2.5
ECA1CM470( )
200
2000
100
5
11
180
0.20
0.5
2.0
5.0
2.5
ECA1CM101( )
200
2000
220
6.3 11.2
280
0.20
0.5
2.5
5.0
2.5
ECA1CM221( )
200
2000
16
470
8
11.5
440
0.20
0.6
3.5
5.0
ECA1CM471( )
200
1000
1000
10
16
680
0.20
0.6
5.0
5.0
ECA1CM102( )
200
500
2200
12.5 20
1000
0.22
0.6
5.0
5.0
ECA1CM222( )
200
500
3300
12.5 25
1200
0.24
0.6
5.0
5.0
ECA1CM332( )
200
500
4700
16
25
1360
0.26
0.8
7.5
7.5
ECA1CM472( )
100
250
6800
16
31.5
1600
0.30
0.8
7.5
ECA1CM682
100
10000
18
35.5
1800
0.38
0.8
7.5
ECA1CM103
50
100
6.3 11.2
180
0.16
0.5
2.5
5.0
2.5
ECA1EM101( )
200
2000
330
8
11.5
390
0.16
0.6
3.5
5.0
ECA1EM331( )
200
1000
470
10
12.5
480
0.16
0.6
5.0
5.0
ECA1EM471( )
200
500
1000
10
20
850
0.16
0.6
5.0
5.0
ECA1EM102( )
200
500
2200
12.5 25
1200
0.18
0.6
5.0
5.0
ECA1EM222( )
200
500
3300
16
25
1300
0.20
0.8
7.5
7.5
ECA1EM332( )
100
250
4700
16
31.5
1500
0.22
0.8
7.5
ECA1EM472
100
6800
18
35.5
1750
0.26
0.8
7.5
ECA1EM682
50
47
5
11
130
0.14
0.5
2.0
5.0
2.5
ECA1VM470( )
200
2000
35
100
6.3 11.2
210
0.14
0.5
2.5
5.0
2.5
ECA1VM101( )
200
2000
220
8
11.5
350
0.14
0.6
3.5
5.0
ECA1VM221( )
200
1000


Similar Part No. - ECA1EM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1EM101 PANASONIC-ECA1EM101 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1EM101 PANASONIC-ECA1EM101 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM101 PANASONIC-ECA1EM101 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM101 PANASONIC-ECA1EM101 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM101 PANASONIC-ECA1EM101 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1EM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com