Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM2U19BKFP Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM2U19BKFP
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM2U19BKFP Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM2U19BKFP Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INSIDE VIEW
PROFILE VIEW
TOP VIEW
ISOMETRIC VIEW
RM2U19BKFP
Finish - Black Textured Powder Paint
Material - Extruded 6063 Aluminum
1
1
2
2
3
3
4
4
A
A
B
B
415.30 mm
[16.350 in]
16.51 mm
[0.650 in]
R1.27 mm
[0.050 in]
88.13 mm
[3.470 in]
2.03 mm
[0.080 in]
83.71 mm
[3.296 in]
78.05 mm
[3.073 in]
6.35 mm
[0.250 in]
5.33 mm
[0.210 in]
105.42 mm
[4.150 in]
RM2U19BKFP
106.05 mm
[4.175 in]
3.11 mm
[0.122 in]
n4.30 mm
[0.169 in]
2 X
71.70 mm
[2.823 in]


Similar Part No. - RM2U19BKFP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
198Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
198Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM2U1908VBK HAMMOND-RM2U1908VBK Datasheet
467Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1908VBK HAMMOND-RM2U1908VBK Datasheet
467Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM2U1913SBK HAMMOND-RM2U1913SBK Datasheet
145Kb / 1P
   Extruded Aluminum Frame - Type 6063
More results

Similar Description - RM2U19BKFP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com