Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD11ED8ABFB-7B Datasheet(PDF) 11 Page - Elpida Memory

Part # EBD11ED8ABFB-7B
Description  1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11ED8ABFB-7B Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBD11ED8ABFB-7B Datasheet HTML 7Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 8Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 9Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 10Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 11Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 12Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 13Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 14Page - Elpida Memory EBD11ED8ABFB-7B Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EBD11ED8ABFB
Preliminary Data Sheet E0295E20 (Ver. 2.0)
11
DC Characteristics 1 (TA = 0 to 70°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current (ACTV-PRE)
IDD0
-6B
-7A, -7B
1980
1755
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACTV-READ-PRE)
IDD1
-6B
-7A, -7B
2250
1980
mA
CKE ≥ VIH, BL = 2,
CL = 2.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby current
IDD2P
54
mA
CKE ≤ VIL
4
Floating idle standby current
IDD2F
-6B
-7A, -7B
720
630
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
450
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 10
Active power down
standby current
IDD3P
360
mA
CKE ≤ VIL
3
Active standby current
IDD3N
-6B
-7A, -7B
1260
1080
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A, -7B
2520
2160
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
-6B
-7A, -7B
2520
2160
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Auto refresh current
IDD5
-6B
-7A, -7B
5220
4860
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
72
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
-6B
-7A, -7B
4500
3870
mA
BL = 4
5, 6, 7
Notes. 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one cycle.
6. Data/Data mask transition twice per one cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once every two clock cycles.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = 0 to 70°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–36
36
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–10
10
µA
VDD ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V
Pin Capacitance (TA = 25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
max.
Unit
Notes
Input capacitance
CI1
Address, /RAS, /CAS, /WE,
/CS, CKE
TBD
pF
Input capacitance
CI2
CK, /CK
TBD
pF
Data and DQS input/output
capacitance
CO
DQ, DQS, CB
TBD
pF


Similar Part No. - EBD11ED8ABFB-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA-7A ELPIDA-EBD11ED8ABFA-7A Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA-7B ELPIDA-EBD11ED8ABFA-7B Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD11ED8ABFB-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11UD8ADFB-5 ELPIDA-EBD11UD8ADFB-5 Datasheet
182Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11UD8ADFB ELPIDA-EBD11UD8ADFB Datasheet
187Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
EBD11UD8ADDA ELPIDA-EBD11UD8ADDA Datasheet
205Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com