Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C09P2-30S Datasheet(PDF) 3 Page - Anaren Microwave

Part # X3C09P2-30S
Description  30 dB Directional Coupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09P2-30S Datasheet(HTML) 3 Page - Anaren Microwave

  X3C09P2-30S Datasheet HTML 1Page - Anaren Microwave X3C09P2-30S Datasheet HTML 2Page - Anaren Microwave X3C09P2-30S Datasheet HTML 3Page - Anaren Microwave X3C09P2-30S Datasheet HTML 4Page - Anaren Microwave X3C09P2-30S Datasheet HTML 5Page - Anaren Microwave X3C09P2-30S Datasheet HTML 6Page - Anaren Microwave X3C09P2-30S Datasheet HTML 7Page - Anaren Microwave X3C09P2-30S Datasheet HTML 8Page - Anaren Microwave X3C09P2-30S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C09P2-30S
Rev B
Insertion Loss and Power Derating Curves
Typical Insertion Loss Derating Curve for X3C09P2-30
-0.09
-0.08
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
-100
-50
0
50
100
150
200
Temperature of the Part (
oC)
typical insertion loss (f=800Mhz)
typical insertion loss (f=894Mhz)
typical insertion loss (f=960Mhz)
typical insertion loss (f=1000Mhz)
X3C09P2-30 Power Derating Curve
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
160
180
Mounting Interface Temperature (
oC)
700 - 1000MHz
225
95
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25
C and then averaged. The
measurements
are
performed
under
small
signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at 85
C and 150C. A best-fit line for
the measured data is computed and then plotted from -
55
C to 150C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface temperature (base plate temperature), maximum
continuous operating temperature of the coupler, and the
thermal insertion loss.
The thermal insertion loss is
defined in the Power Handling section of the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.
If mounting temperature is greater than 95
C, Xinger
coupler will perform reliably as long as the input power
is derated to the curve above.


Similar Part No. - X3C09P2-30S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09P2-03S ANAREN-X3C09P2-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C09P2-03S ANAREN-X3C09P2-03S Datasheet
2Mb / 26P
   Hybrid Coupler
X3C09P2-03S ANAREN-X3C09P2-03S_14 Datasheet
2Mb / 26P
   Hybrid Coupler
More results

Similar Description - X3C09P2-30S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S Datasheet
671Kb / 22P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com