Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA2CM471 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA2CM471
Description  Aluminum Electrolytic Capacitors/M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2CM471 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA2CM471 Datasheet HTML 1Page - Panasonic Semiconductor ECA2CM471 Datasheet HTML 2Page - Panasonic Semiconductor ECA2CM471 Datasheet HTML 3Page - Panasonic Semiconductor ECA2CM471 Datasheet HTML 4Page - Panasonic Semiconductor ECA2CM471 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors/M
¾ EE103 ¾
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
nStandard Products
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm,
i=2.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 85°C 2000h
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
iB
ii
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQÕ ty
Taping
Taping
Ripple
current
(120Hz)
(+85°C)
Lead Length
Straight
Leads
3.3
8
11.5
60
0.20
0.6
3.5
5.0
ECA2VM3R3( )
200
1000
4.7
10
12.5
65
0.20
0.6
5.0
5.0
ECA2VM4R7( )
200
500
10
10
20
115
0.20
0.6
5.0
5.0
ECA2VM100( )
200
500
350
22
12.5 20
195
0.20
0.6
5.0
5.0
ECA2VM220( )
200
500
33
16
25
300
0.20
0.8
7.5
7.5
ECA2VM330( )
100
250
47
16
25
325
0.20
0.8
7.5
7.5
ECA2VM470( )
100
250
100
18
31.5
535
0.20
0.8
7.5
ECA2VM101
50
1
6.3 11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2GM010( )
200
2000
2.2
8.0 11.5
50
0.20
0.6
3.5
5.0
ECA2GM2R2( ) 200
1000
3.3
10
12.5
54
0.20
0.6
5.0
5.0
ECA2GM3R3( ) 200
500
4.7
10
16
72
0.20
0.6
5.0
5.0
ECA2GM4R7( ) 200
500
400
10
10
20
115
0.20
0.6
5.0
5.0
ECA2GM100( )
200
500
22
12.5 25
215
0.20
0.6
5.0
5.0
ECA2GM220( )
200
500
33
16
25
275
0.20
0.8
7.5
7.5
ECA2GM330( )
100
250
47
16
31.5
350
0.20
0.8
7.5
ECA2GM470
100
100
18
40
600
0.20
0.8
7.5
ECA2GM101
50
1
8
11.5
37
0.20
0.6
3.5
5.0
ECA2WM010( )
200
1000
2.2
10
12.5
44
0.20
0.6
5.0
5.0
ECA2WM2R2( )
200
500
3.3
10
16
60
0.20
0.6
5.0
5.0
ECA2WM3R3( )
200
500
450
4.7
10
20
79
0.20
0.6
5.0
5.0
ECA2WM4R7( )
200
500
10
12.5 20
130
0.20
0.6
5.0
5.0
ECA2WM100( )
200
500
22
16
25
210
0.20
0.8
7.5
7.5
ECA2WM220( )
100
250
33
16
31.5
285
0.20
0.8
7.5
ECA2WM330
100
tan d
(120Hz)
(+20°C)


Similar Part No. - ECA2CM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA2CM471 PANASONIC-ECA2CM471 Datasheet
308Kb / 5P
   Radial Lead Type
ECA2CM471 PANASONIC-ECA2CM471 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA2CM471 PANASONIC-ECA2CM471 Datasheet
86Kb / 5P
   Radial Lead Type
ECA2CM471 PANASONIC-ECA2CM471 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA2CM471 PANASONIC-ECA2CM471 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA2CM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com