Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6183F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECQE6183F
Description  Metallized Polyester Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6183F Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECQE6183F Datasheet HTML 1Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 2Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 3Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 4Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 5Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 6Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 7Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 8Page - Panasonic Semiconductor ECQE6183F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 1250 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Part No.
0.0010
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0012
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0015
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0018
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0022
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0027
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0033
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0039
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0047
15.5
7.0
12.5
17.5
12.5
10.0
1.0
0.60
0.0056
15.5
7.5
13.0
18.0
12.5
10.0
1.0
0.60
0.0068
15.5
7.5
15.0
20.0
12.5
10.0
1.0
0.60
0.0082
21.0
5.0
12.0
17.0
17.5
12.5
1.0
0.60
0.010
21.0
5.0
12.5
17.5
17.5
12.5
1.0
0.60
0.012
21.0
5.5
13.0
18.0
17.5
12.5
1.0
0.60
0.015
21.0
6.0
13.5
18.5
17.5
12.5
1.0
0.60
0.018
21.0
6.5
14.5
19.5
17.5
12.5
1.0
0.80
0.022
21.0
7.0
15.0
20.0
17.5
12.5
1.0
0.80
0.027
26.0
6.0
15.5
20.5
22.5
17.5
1.0
0.80
0.033
26.0
6.5
16.0
21.0
22.5
17.5
1.0
0.80
0.039
26.0
7.0
16.5
21.5
22.5
17.5
1.0
0.80
0.047
26.0
8.0
17.0
22.0
22.5
17.5
1.0
0.80
0.056
31.0
7.5
17.0
22.0
27.5
22.5
1.0
0.80
0.068
31.0
8.0
17.5
22.5
27.5
22.5
1.0
0.80
0.082
31.0
9.0
18.5
23.5
27.5
22.5
1.0
0.80
0.10
31.0
10.0
19.5
24.5
27.5
22.5
1.0
0.80
0.12
31.0
11.5
20.5
25.5
27.5
22.5
1.5
0.80
0.15
31.0
12.0
23.0
28.0
27.5
22.5
1.5
0.80
0.18
31.0
13.0
24.5
29.5
27.5
22.5
1.5
0.80
0.22
31.0
14.5
26.5
31.5
27.5
22.5
1.5
0.80
ECQE12102MF()
ECQE12122MF()
ECQE12152MF()
ECQE12182MF()
ECQE12222MF()
ECQE12272MF()
ECQE12332MF()
ECQE12392MF()
ECQE12472MF()
ECQE12562MF()
ECQE12682MF()
ECQE12822MF()
ECQE12103MF()
ECQE12123MF()
ECQE12153MF()
ECQE12183MF()
ECQE12223MF()
ECQE12273MF()
ECQE12333MF()
ECQE12393MF()
ECQE12473MF()
ECQE12563MF()
ECQE12683MF()
ECQE12823MF()
ECQE12104MF()
ECQE12124MF()
ECQE12154MF()
ECQE12184MF()
ECQE12224MF()
Cap.
(µF)
Quantity
Ammo
7.5 mm
500
400
500
Dimensions (mm)
L max.
T max.
FS
Straight Crimped lead
ød
H max.
Straight Crimped lead
G max.
Straight
Suffix for lead crimped or taped type.
Cap. tol. code
Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage..
DC rated voltage is 1250 V, AC rated voltage is 125 V.
Making for rated voltage is
「1250 V, 125 V
When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave)
to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''.
When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only
sine wave (50 Hz or 60 Hz).
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of
''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type
Style D: 0.0010 µF to 0.0068 µF
Style B: 0.0082 µF to 0.22 µF


Similar Part No. - ECQE6183F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE6183F PANASONIC-ECQE6183F Datasheet
345Kb / 19P
   Metallized polyester Film Capacitor
ECQE6183F PANASONIC-ECQE6183F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE6183F PANASONIC-ECQE6183F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE6183F PANASONIC-ECQE6183F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE6183F PANASONIC-ECQE6183F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE6183F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com