Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMG-001214-090PSM-V2 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMG-001214-090PSM-V2
Description  L-Band 90 W 2-Stage Fully Matched GaN Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMG-001214-090PSM-V2 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMG-001214-090PSM-V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM-V2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L-Band 90 W 2-Stage Fully Matched GaN Module
Surface Mount Laminate Package
Rev. V2
MAMG-001214-090PSM
4
44
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Nitride Devices and Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
Package Outline18,19
18. All dimensions are in inches.
19. Reference Application Note S2083 for lead-free solder
reflow recommendations. Plating is Ni/Pd/Au.


Similar Part No. - MAMG-001214-090PSM-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMG-001214-090PSM MA-COM-MAMG-001214-090PSM Datasheet
959Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
MAMG-001214-090PSM MA-COM-MAMG-001214-090PSM_15 Datasheet
974Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
More results

Similar Description - MAMG-001214-090PSM-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMG-001214-090PSM MA-COM-MAMG-001214-090PSM_15 Datasheet
974Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
MAMG-001214-090PSM MA-COM-MAMG-001214-090PSM Datasheet
959Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
MAMG-000912-090PSM MA-COM-MAMG-000912-090PSM Datasheet
1Mb / 6P
   960-1215 MHz 90 W 2-Stage GaN Module
logo
Ampleon Netherlands B.V...
CLL3H0914L-700 AMPLEON-CLL3H0914L-700 Datasheet
1Mb / 18P
   L-band internally pre-matched GaN-SiC HEMT
Rev. 1 - 15 July 2022
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
logo
Cree, Inc
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
   250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com