Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMO-008665-ES0018 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMO-008665-ES0018
Description  E-Series I/Q Modulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMO-008665-ES0018 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMO-008665-ES0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMO-008665-ES0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
E-Series I/Q Modulator
115 MHz
MAMO-008665-ES0018
V1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, LO = +10 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
LO Frequency
115
MHz
I/Q Frequency
DC - 5
MHz
LO Carrier Suppression
When Q = +90 degrees
relative to I; Lower side-
band is suppressed.
Related to wanted side-
band power.
115
dBc
30
40
SSB Rejection
115
dBc
30
40
Harmonic Suppression 3 x I/Q
115
dBc
40
50
Harmonic Suppression 5 x I/Q
115
dBc
50
60
Conversion Loss
115
dB
6.0
7.0
(LO) Carrier Power
115
dBm
+10 ± 1
I/Q Drive Level
DC - 5
dBm
-10
LO-RF Isolation
115
dBm
50
60
LO - I/Q Isolation
115
dBm
30
40
Conversion Loss


Similar Part No. - MAMO-008665-ES0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018 Datasheet
129Kb / 2P
   E-Series I/Q Modulator E-Series I/Q Modulator
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018_15 Datasheet
129Kb / 2P
   I/Q Modulator
More results

Similar Description - MAMO-008665-ES0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018 Datasheet
129Kb / 2P
   E-Series I/Q Modulator E-Series I/Q Modulator
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960 Datasheet
61Kb / 2P
   E-Series I/Q Modulator
MAMO-008774-ES0019 MA-COM-MAMO-008774-ES0019_15 Datasheet
128Kb / 2P
   E-Series I/Q Modulator
MAMO-008774-ES0019 MA-COM-MAMO-008774-ES0019 Datasheet
128Kb / 2P
   E-Series I/Q Modulator
logo
Tyco Electronics
EKIN2-70 MACOM-EKIN2-70 Datasheet
239Kb / 2P
   E-Series I/Q Modulator 70 MHz
EKIN2-1082 MACOM-EKIN2-1082 Datasheet
56Kb / 2P
   E-Series I/Q Modulator 1070-1095MHz
EKIN2-150H MACOM-EKIN2-150H Datasheet
130Kb / 2P
   E-Series I/Q Modulator 149.95 MHz
logo
M/A-COM Technology Solu...
MAMO-008774-ES0019 MA-COM-MAMO-008774-ES0019 Datasheet
128Kb / 2P
   E-Series I/Q Modulator 150 MHz
logo
Tyco Electronics
EKIN2-960 MACOM-EKIN2-960_1 Datasheet
61Kb / 2P
   E-Series I/Q Modulator 921-960MHz
EKIN2-220 MACOM-EKIN2-220 Datasheet
211Kb / 2P
   E-Series I/Q Modulator 215 - 225 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com